Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 5SWSWF

  • AI
    The term **5SWSWF** is typically associated with high-precision, low-profile **Tactile Switches** or **SMD Push Button Switches**, often used in consumer electronics like smartphones, wearables, and remote controls. Below is a breakdown of the electronic specifications and characteristics associated with this part category. --- ### 1. General Specifications These switches are designed for surface mount technology (SMT) and prioritize space-saving on printed circuit boards (PCBs). | Feature | Typical Specification | | :--- | :--- | | **Type** | Momentary Tactile Switch | | **Mounting Type** | Surface Mount (SMT/SMD) | | **Contact Rating** | 50mA, 12V DC | | **Actuation Force** | 160gf to 250gf (grams-force) | | **Travel Distance** | 0.20mm - 0.35mm | | **Life Cycle** | 100,000 to 500,000 cycles | | **Operating Temp** | -40°C to +85°C | ### 2. Physical Construction The "5S" or "SW" nomenclature often refers to the internal architecture and terminal layout: * **Base (Housing):** High-temperature thermoplastic (LCP or Nylon) to withstand reflow soldering. * **Contact Dome:** Usually stainless steel with silver or gold plating to ensure high conductivity and "clicky" tactile feedback. * **Terminals:** Copper alloy, silver-plated for low contact resistance (usually <100mΩ). * **Actuator:** The physical button (stem) that the user presses. ### 3. Pinout and Circuitry Most switches in this series are **SPST-NO** (Single Pole Single Throw - Normally Open). ```cpp // Schematic Representation (Pin 1) ----/ ---- (Pin 2) (Switch) ``` * When the button is pressed, the circuit is completed (closed). * When released, the internal dome springs back, breaking the circuit (open). ### 4. Common Applications Due to their small footprint, these parts are found in: 1. **Mobile Devices:** Volume rockers and power buttons. 2. **Wearables:** Smartwatch navigation buttons. 3. **Automotive:** Key fobs and dashboard controls. 4. **Medical:** Portable diagnostic hand-held devices. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions (footprint) of the 5SWSWF switch?
    • ⤷ How do I choose between different actuation forces for this switch?
    • ⤷ Can this switch be used in waterproof (IP67) applications?