Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 5TD3-R

  • AI
    The **5TD3-R** is a specific electronic component frequently used in high-frequency and radio frequency (RF) applications. Below is a breakdown of its characteristics, functions, and technical specifications. --- ## 1. Component Overview The 5TD3-R is primarily identified as a **High-Frequency RF Transistor** or a specific type of **Miniature Oscillator/Switching component** depending on the manufacturer (commonly associated with parts used in telecommunications and remote control systems). ### Key Features * **High Sensitivity:** Designed to handle weak signals in the RF spectrum. * **Miniature Footprint:** Usually comes in a Surface Mount Device (SMD) package to save PCB space. * **Low Noise Floor:** Essential for maintaining signal integrity in receiving circuits. --- ## 2. Technical Specifications While exact parameters can vary slightly by manufacturer (e.g., NEC, Renesas, or specialized RF brands), the general specifications for this class of component are: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Collector-Emitter Voltage ($V_{ceo}$)** | 10 - 15 | V | | **Collector Current ($I_c$)** | 30 - 100 | mA | | **Transition Frequency ($f_T$)** | 3 - 8 | GHz | | **Power Dissipation ($P_d$)** | 150 - 200 | mW | | **Operating Temperature** | -55 to +150 | °C | --- ## 3. Common Applications The 5TD3-R is engineered for circuits where high-speed switching and frequency stability are required. 1. **RF Amplifiers:** Used in the "front-end" of receivers to boost incoming radio signals. 2. **Local Oscillators:** Generating stable frequencies for mixing in FM/AM or digital tuners. 3. **Remote Controls:** Found in 315MHz or 433MHz keyless entry systems and garage door openers. 4. **Buffer Stages:** Isolating different parts of a circuit to prevent signal loading. --- ## 4. Typical Circuit Integration In a standard configuration, the 5TD3-R operates as a **Common Emitter** amplifier. ```c // Simplified Signal Flow [Antenna] -> [Matching Network] -> [5TD3-R Base] | [Amplified Output] -> [Demodulator] ``` ### Pinout Configuration (Generic SMD) 1. **Base:** Input signal control. 2. **Emitter:** Common ground or feedback path. 3. **Collector:** Output signal path. --- ## 5. Identification Tips When sourcing this part, look for the **Marking Code**. Electronic components this small often do not have the full part number printed on them. "5TD3" or "5T" with a suffix like "R" usually indicates the specific gain (hFE) grouping or the tape-and-reel packaging orientation.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the 5TD3-R?
    • ⤷ How do I test a 5TD3-R transistor using a multimeter?
    • ⤷ Which SMD package type does the 5TD3-R typically use (e.g.
    • ⤷ SOT-23 or SOT-323)?