Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 5TS-74W-R

  • AI
    The part number **5TS-74W-R** typically refers to a **High-Power Surface Mount (SMT) Shunt Resistor**, commonly used in current sensing applications. These components are designed for high precision and stability under high current loads. ### 1. Key Technical Specifications Based on the standard parameters for this series of shunt resistors, here is a breakdown of the typical specifications: | Feature | Description | | :--- | :--- | | **Component Type** | Current Sense Shunt Resistor | | **Power Rating** | Approximately 5W to 7W (indicated by the '5' or '7' prefixing) | | **Tolerance** | Usually $\pm$1% or $\pm$5% (Standard Precision) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Construction** | Metal Plate / Manganese Copper alloy | | **RoHS Status** | Compliant (indicated by the '-R' suffix) | --- ### 2. Physical Characteristics The **74W** designation often refers to the package size or the specific material configuration. * **Dimensions:** These parts are generally larger than standard resistors to dissipate heat effectively. * **Material:** They utilize specialized metal alloys (like Manganin) that provide a low **TCR** (Temperature Coefficient of Resistance). This ensures the resistance value doesn't drift significantly as the part heats up. * **Terminals:** Usually features wide, robust solder pads to handle high-amperage flow without melting or creating excessive parasitic resistance. --- ### 3. Functional Purpose The primary role of the 5TS-74W-R in an electronic circuit is **Current Sensing**. 1. **Ohm’s Law Application:** By placing this low-ohm resistor in series with a load, a small voltage drop is created ($V = I \times R$). 2. **Monitoring:** An Integrated Circuit (IC) or Microcontroller measures this voltage drop to calculate the exact current flowing through the system. 3. **Protection:** It is often used in over-current protection circuits to shut down power if the current exceeds safe limits. ### 4. Common Applications * **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Lithium-ion packs. * **Motor Controllers:** Managing torque and speed in industrial or automotive motors. * **DC-DC Converters:** Providing feedback loops for power supply regulation. * **Automotive Electronics:** Used in electronic power steering and braking systems. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific resistance value (Ohms) for the 5TS-74W-R?
    • ⤷ What are the recommended soldering profiles for this SMT component?
    • ⤷ How does the TCR (Temperature Coefficient) affect its accuracy in high-heat environments?