Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 5TT5-R

  • AI
    The **5TT5** series (specifically the 5TT5-R variants) refers to a range of **Insta Contactors** or remote-control switches manufactured primarily by Siemens. These electronic parts are designed for switching electrical loads in building management systems and industrial automation. ### 1. Device Overview These devices are electromagnetic switching devices. When a control voltage is applied to the coil, the internal mechanical contacts close (or open), allowing a larger current to flow through the main circuit. --- ### 2. Technical Specifications The typical characteristics of the 5TT5 range include: | Feature | Description | |:---|:---| | **Mounting Type** | DIN Rail (standard 35mm) | | **Control Voltages** | 24V AC/DC, 115V AC, or 230V AC | | **Current Rating** | Typically ranges from 20A to 63A | | **Contact Configurations** | NO (Normally Open), NC (Normally Closed), or CO (Changeover) | | **Operational Lifetime** | High mechanical and electrical switching cycles | --- ### 3. Key Electronic Components Inside a 5TT5 contactor, the following parts work together: 1. **Solenoid Coil:** The heart of the device. It creates an electromagnetic field when energized. 2. **Armature:** A moving iron core that is pulled by the magnetic field to change the contact state. 3. **Return Spring:** Ensures the contacts return to their "rest" position once the control voltage is removed. 4. **Contact System:** Made of high-conductivity materials (often silver-plated) to prevent welding and minimize resistance. 5. **Hum-free Circuitry:** Many "R" variants feature an internal bridge rectifier or specialized coil design to prevent the "buzzing" sound common in AC contactors. --- ### 4. Applications * **Lighting Control:** Switching large banks of LED or fluorescent lamps. * **Heating Systems:** Controlling electric heaters or heat pumps. * **Motor Control:** Small single-phase or three-phase motors (within rated power). * **Smart Home Integration:** Used as an interface between low-power smart controllers and high-power appliances. --- ### 5. Wiring Diagram Logic ```mermaid graph LR A[Control Switch/PLC] --> B[Coil Terminals A1/A2] B --> C{Electromagnet} C --> D[Main Contacts 1/2, 3/4] D --> E[High Power Load] ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a standard contactor and the 'hum-free' 5TT5 versions?
    • ⤷ How do I calculate the maximum LED load for a 5TT5 20A contactor?
    • ⤷ What are the common failure modes for these types of remote-control switches?