Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 5VTP1-R

  • AI
    ## Technical Overview of 5VTP1-R The **5VTP1-R** is a specific type of **Time-Delay (Slow-Blow) Glass Tube Fuse**. It is widely used in electronic circuits to protect sensitive components from overcurrent conditions while allowing for temporary surges (inrush current). --- ### 1. Key Technical Specifications Below is a breakdown of the typical electronic characteristics for this component: | Feature | Specification | | :--- | :--- | | **Part Series** | 5VTP | | **Fuse Type** | Glass Tube (Time-Delay / Slow-Blow) | | **Current Rating** | 1A (Typical for this specific suffix) | | **Voltage Rating** | 250V AC | | **Interrupting Rating** | 35A @ 250V AC / 10,000A @ 125V AC | | **Dimensions** | 5mm x 20mm | | **Mounting Type** | Holder / Clip | | **Material** | Glass body with Nickel-plated brass end caps | | **Compliance** | RoHS 6 Compliant, UL/CSA Recognized | --- ### 2. Functional Description The "Time-Delay" (T) characteristic is the most critical aspect of the 5VTP1-R. * **Surge Tolerance:** Unlike "Fast-Acting" fuses, the 5VTP1-R is designed to withstand a brief spike in current (such as when a motor starts or a capacitor charges). * **Protection Mechanism:** If the current exceeds the rated 1A for a sustained period, the internal filament melts, breaking the circuit to prevent fire or damage to the PCB. * **Visual Inspection:** Because the body is glass, the internal element is visible, allowing for quick manual inspection to see if the fuse has "blown." --- ### 3. Part Number Decoding The part number follows a standard nomenclature used by manufacturers like **Bel Fuse**: 1. **5VTP:** The series designation (5x20mm, Time-Delay, axial lead or cartridge). 2. **1:** Represents the Amperage rating (1 Ampere). 3. **-R:** Indicates "RoHS Compliant" (Restriction of Hazardous Substances). --- ### 4. Common Applications Due to its slow-blow nature, the 5VTP1-R is commonly found in: * **Power Supplies:** Protecting the input stage from inrush current. * **LED Drivers:** Handling the initial surge when lights are switched on. * **Consumer Electronics:** Chargers, monitors, and audio equipment. * **Industrial Controls:** Small motors and solenoid valves.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 5VTP1-R and a fast-acting 5VF series fuse?
    • ⤷ Can I use a 5VTP1-R in a 12V DC circuit even though it is rated for 250V AC?
    • ⤷ What are the soldering considerations if I use the axial leaded version of this fuse?