Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 6-5-R

  • AI
    In the context of electronics, the term **"6-5-R"** most commonly refers to a specific type of **SIP (Single In-line Package) Resistor Network**. These components are used to save board space by housing multiple resistors in a single small package. --- ### 1. Breakdown of the Component Code When you see a part labeled with a numbering scheme like **6-5-R**, it typically follows this logic (standard for manufacturers like Bourns or Vishay): | Segment | Meaning | Description | | :--- | :--- | :--- | | **6** | **Number of Pins** | The physical package has 6 pins (leads). | | **5** | **Number of Resistors** | The package contains 5 individual resistors. | | **R** | **Circuit Type** | Indicates the internal wiring configuration (usually "Bussed"). | --- ### 2. Internal Circuitry (The "Bussed" Configuration) The "5-R" designation (5 resistors in a 6-pin package) implies a **Bussed Configuration**. * **Pin 1 (Common):** One end of all five resistors is connected to a single common pin (usually marked with a dot on the casing). * **Pins 2 through 6:** These are the individual outputs for each of the five resistors. #### Schematic Representation ```text (Pin 1) ---+---[R1]--- (Pin 2) | +---[R2]--- (Pin 3) | +---[R3]--- (Pin 4) | +---[R4]--- (Pin 5) | +---[R5]--- (Pin 6) ``` --- ### 3. Common Applications These parts are widely used in digital electronics for the following purposes: * **Pull-up Resistors:** Connecting Pin 1 to $V_{cc}$ to ensure logic lines stay "High" when not driven. * **Pull-down Resistors:** Connecting Pin 1 to Ground ($GND$) to ensure logic lines stay "Low." * **LED Current Limiting:** Providing uniform resistance for a bank of 5 LEDs. * **Bus Termination:** Minimizing signal reflections on data lines. --- ### 4. Technical Specifications to Note When selecting a 6-5-R component, pay attention to these parameters: 1. **Resistance Value:** Often printed on the side (e.g., `103` = 10k $\Omega$, `472` = 4.7k $\Omega$). 2. **Tolerance:** Usually $\pm 2\%$ or $\pm 5\%$. 3. **Power Rating:** Typically 125mW to 250mW per resistor. 4. **Voltage Rating:** Max voltage allowed across any single resistor (e.g., 100V).
    ✨ Follow-up Questions
    • ⤷ How do I identify which pin is the 'Common' pin on a 6-5-R SIP package?
    • ⤷ What is the difference between a 'Bussed' and an 'Isolated' resistor network?
    • ⤷ Can a 6-5-R network be used for both AC and DC circuits?