Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 61-R

  • AI
    Based on common industrial and electronics terminology, **61-R** typically refers to specific classifications of components or specific product models from major manufacturers. Below is a breakdown of the most common "61-R" electronic parts. ### 1. 61-R Series Resistors (Precision/SMD) In many manufacturing catalogs, "61-R" is a shorthand code for a specific resistance value or a series of surface-mount resistors. | Feature | Description | | :--- | :--- | | **Value** | Often indicates **61 Ohms** (where R acts as the decimal point). | | **Tolerance** | Usually ±1% or ±5% depending on the manufacturer. | | **Form Factor** | Available in SMD packages like 0603, 0805, or 1206. | | **Application** | Current limiting, impedance matching, and voltage division. | --- ### 2. EAO Series 61 Switches (Flush Mount) The "61" series is a world-standard line of industrial switches and indicators (often labeled as 61-XXXX.X). * **Type:** Modular pushbuttons, emergency stops, and keylock switches. * **61-R Specifics:** Usually denotes a **Red** (R) colored actuator or lens. * **Specifications:** * **Mounting Cut-out:** 16mm or 22.5mm. * **IP Rating:** IP65 (waterproof/dustproof). * **Usage:** Industrial control panels and medical equipment. --- ### 3. Bel Fuse / Circuit Protection (61R Series) Bel Fuse produces a variety of circuit protection components where "61R" may appear in the part numbering. * **Component:** Radial Lead resettable fuses (PTC). * **Function:** Protects circuits from overcurrent by increasing resistance when heat rises. * **Common Specs:** * **Voltage:** 60V - 72V typical. * **Holding Current:** Ranges from 0.10A to 3.75A. --- ### 4. Technical Coding Standard If "61-R" is a marking on a component body, it follows the **Standard Marking Code**: ```markdown Value = 61 Multiplier = R (x1) Result = 61 Ohms ``` --- ### Summary Table | Category | Component Identity | Primary Function | | :--- | :--- | :--- | | **Resistor** | 61 Ohm Fixed Resistor | Limiting current flow | | **Switching** | EAO Series 61 (Red) | User interface/Emergency stop | | **Protection** | PTC Resettable Fuse | Overcurrent protection | | **Automotive** | 61R Battery/Relay | Power distribution (Specific to certain brands) | ---
    ✨ Follow-up Questions
    • ⤷Are you referring to a specific brand like EAO or Bel Fuse?
    • ⤷ How do I read the 3-digit code on an SMD resistor?
    • ⤷ What is the difference between a 61-R resistor and a 610 resistor?