Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 616-R

  • AI
    The **616-R** typically refers to the **Model 616-R Programmable Relay** or specific variations of radio frequency (RF) / motor control modules depending on the manufacturer (most commonly associated with industrial automation or legacy remote control systems). Below is a technical breakdown of the electronic components and architecture generally found in a 616-R series device. --- ### 1. Core System Architecture The 616-R functions as a bridge between low-power control signals and high-power electrical loads. | Component Category | Description | Common Parts | | :--- | :--- | :--- | | **Logic Controller** | The "brain" that processes timing and switching logic. | 8-bit Microcontroller (MCU) | | **Switching Element** | The physical mechanism that opens/closes the circuit. | Electromechanical Relays (SPDT/DPDT) | | **Input Interface** | Terminals for receiving triggers or sensors. | Optoisolators / Digital Inputs | | **Power Regulation** | Converts mains or battery voltage to logic levels. | Step-down Transformer or Buck Converter | --- ### 2. Detailed Electronic Parts Breakdown #### A. The Relay Assembly The "R" in 616-R stands for **Relay**. * **Coil:** A copper wire winding that creates a magnetic field when energized (usually 12V or 24V DC). * **Contacts:** Usually silver-tin oxide to prevent welding. Rated for specific amperage (e.g., 10A @ 250VAC). * **Flyback Diode:** A small diode (like a 1N4148) placed across the relay coil to protect the logic circuits from voltage spikes when the relay turns off. #### B. The Control Circuitry * **Transistor Drivers:** Since a microcontroller cannot provide enough current to flip a relay, NPN transistors (like the **2N2222**) or Darlington arrays (like the **ULN2003**) are used as switches for the relay coils. * **LED Indicators:** Diagnostic LEDs (Red/Green) used to show "Power On" status and "Relay Active" status. * **DIP Switches:** Often found on the 616-R board to set addresses, timing delays, or operational modes (Momentary vs. Latching). #### C. Input Protection * **Varistors (MOV):** Used at the power input to protect the unit from high-voltage surges. * **Capacitive Filters:** Electrolytic and Ceramic capacitors used to smooth out electrical noise, ensuring the logic controller doesn't "glitch" during heavy motor starts. --- ### 3. Specifications Summary | Feature | Typical Value | | :--- | :--- | | **Operating Voltage** | 12V - 24V DC or 110V/220V AC (model dependent) | | **Contact Rating** | 5A to 15A | | **Response Time** | < 10ms | | **Mounting** | DIN Rail or PCB Stand-offs | --- ### 4. Common Applications 1. **Garage Door Openers:** Acting as the wireless receiver interface. 2. **HVAC Control:** Switching fans or compressors based on thermostat signals. 3. **Industrial Lighting:** Providing timed control for warehouse arrays.
    ✨ Follow-up Questions
    • ⤷ Are you referring to a specific brand like Chamberlain
    • ⤷ Linear
    • ⤷ or a generic industrial PLC module?
    • ⤷ Do you need the pinout diagram for a specific 616-R board?
    • ⤷ Are you troubleshooting a specific component failure on the board?