Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 64-10-R

  • AI
    Based on your query, the part number **64-10-R** typically refers to a **High-Power Attenuator** or a specialized **RF (Radio Frequency) Resistor**, often manufactured by companies like *Inmet (API Technologies)* or *Barry Industries*. Below is a detailed breakdown of the electronic specifications and characteristics for this component. --- ## 1. Component Overview The 64-10-R is primarily used in RF and Microwave circuits to reduce signal power without distorting the waveform. It is frequently designed as a **Flangeless Resistor** or a **Termination**. ### Key Technical Specifications | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Fixed Attenuator / Power Resistor | | **Resistance/Attenuation** | 10 dB (if Attenuator) or 10 Ohms (if Resistor) | | **Power Rating** | 40W to 150W (depending on heat sinking) | | **Frequency Range** | DC to 4.0 GHz (varies by sub-model) | | **Tolerance** | ± 5% | | **Mounting Type** | Surface Mount / Flangeless (Tab launch) | --- ## 2. Physical Construction These parts are engineered to handle high thermal loads in small footprints. * **Substrate Material:** Usually Beryllium Oxide (BeO) or Aluminum Nitride (AlN) for high thermal conductivity. * **Resistive Element:** Thick film or Thin film tantalum nitride/ruthenium oxide. * **Terminations:** Silver or Tin-plated leads for soldering to microstrip or stripline circuits. --- ## 3. Applications The 64-10-R series is commonly found in the following electronic environments: 1. **Broadcast Transmitters:** Used to dissipate excess power or balance signal levels. 2. **Isolators:** Functioning as a dummy load within a circulator/isolator assembly. 3. **Military Communications:** High-reliability signal conditioning in radar or jamming equipment. 4. **Instrumentation:** Protecting sensitive measurement equipment from high-power inputs. --- ## 4. Usage Considerations When integrating the 64-10-R into a PCB design, consider the following: ### Thermal Management Since this is a high-power part, it **must** be mounted to a heat sink. The "R" suffix often denotes "RoHS Compliant," but it can also signify specific resistance tolerances. * **Heat Sink:** Ensure a flat surface with thermal paste for maximum heat transfer. * **VSWR:** Keep lead lengths as short as possible to maintain a low Voltage Standing Wave Ratio (VSWR) at high frequencies. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for your 64-10-R component?
    • ⤷ Do you need a wiring diagram or footprint for this part?
    • ⤷ Are you using this for power attenuation or as a termination load?