Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 6508MS-R

  • AI
    The **6508MS-R** is a specific surface-mount (SMD) Power MOSFET, typically manufactured by companies like *VBsemi* or *Sino-IC*. It is designed for high-efficiency power management and switching applications. ### 1. Technical Specifications The "6508" series usually refers to an N-Channel enhancement mode MOSFET. Below are the typical characteristics for this component: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Type** | N-Channel MOSFET | - | | **Drain-Source Voltage ($V_{DS}$)** | 30V | Volts | | **Continuous Drain Current ($I_D$)** | 50A - 60A | Amperes | | **On-Resistance ($R_{DS(on)}$)** | ~5m$\Omega$ - 8m$\Omega$ (@10V) | Milliohms | | **Gate-Source Voltage ($V_{GS}$)** | $\pm$20V | Volts | | **Package Type** | PDFN5x6 / DFN5x6 | - | --- ### 2. Internal Structure and Pinout The device is housed in a **DFN5x6 (Power56)** package, which is optimized for thermal dissipation in a small footprint. * **Gate (G):** Pin 4. Controls the switching state of the MOSFET. * **Source (S):** Pins 1, 2, 3. Usually connected to the ground or negative rail. * **Drain (D):** Pins 5, 6, 7, 8 (Large pad). Connected to the load. ### 3. Key Features * **Trench Technology:** Uses high-density cell design to achieve ultra-low on-resistance ($R_{DS(on)}$), which reduces power loss during conduction. * **Fast Switching:** Optimized gate charge ($Q_g$) allows the device to switch at high frequencies. * **Thermal Performance:** The bottom-side drain pad allows for direct soldering to PCB copper planes for heat sinking. ### 4. Common Applications Due to its high current handling and low resistance, the 6508MS-R is frequently found in: 1. **DC-DC Converters:** Buck or Boost converters in laptops and servers. 2. **Battery Management Systems (BMS):** For protection circuits in Li-ion battery packs. 3. **Motor Drivers:** Small BLDC motor control. 4. **Load Switching:** Turning peripheral power rails on/off in consumer electronics. --- ### 5. Identification Tip When reading the marking on the chip: * **6508:** The model number. * **MS:** Often indicates a specific package or speed grade. * **R:** Usually denotes "RoHS Compliant" or "Tape & Reel" packaging.
    ✨ Follow-up Questions
    • ⤷What is the maximum gate threshold voltage for the 6508MS-R?
    • ⤷ Can this MOSFET be used for logic-level switching at 3.3V?
    • ⤷ What are the best heat-sinking practices for DFN5x6 packages?