Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 66-R2.

  • AI
    The **66-R2** generally refers to a specific version of a 65% mechanical keyboard PCB (Printed Circuit Board) often used in custom enthusiast builds (like the Phase 65 or similar high-end kits). Below is a breakdown of the electronic components and architecture typically found on this board. --- ## 1. Core Electronic Components The 66-R2 PCB is designed for reliability and low-latency performance. Here are the primary parts: | Component | Function | Specification (Typical) | | :--- | :--- | :--- | | **MCU (Microcontroller)** | The "brain" of the keyboard; processes keypresses. | Usually **ATmega32U4** or an **STM32** series chip. | | **Hot-Swap Sockets** | Allows for switch replacement without soldering. | **Kailh** or **Gateron** Hot-swap sockets. | | **Diodes** | Prevents "ghosting" by ensuring current flows one way. | **1N4148W** (Surface Mount Diodes). | | **USB Connector** | Power and data interface. | **USB Type-C** (often on a daughterboard). | | **RGB LEDs** | Provides underglow or per-key lighting. | **WS2812B** or similar addressable LEDs. | | **ESD Chip** | Protects the MCU from static electricity. | Transient Voltage Suppressors (TVS). | --- ## 2. Technical Features ### A. Connectivity & ESD Protection The 66-R2 often utilizes a **Unified Daughterboard** system. Instead of the USB-C port being soldered directly to the main PCB, it sits on a separate small board. This protects the main electronics from "levering" stress and provides better ESD (Electrostatic Discharge) protection. ### B. Layout Support The "66" in the name typically refers to a **65% layout** (66 keys). The PCB electronics are wired in a matrix that supports: * Split Backspace. * Stepped Caps Lock. * ISO and ANSI enter keys. ### C. Firmware Compatibility The electronic architecture is designed to be "open," meaning it is compatible with standard keyboard firmware: 1. **QMK (Quantum Mechanical Keyboard):** The industry standard for remapping keys. 2. **VIA/VIAL:** Allows for real-time key remapping without reflashing the firmware. --- ## 3. Circuit Architecture The PCB uses a **Switch Matrix** design. Because an MCU doesn't have 66 individual pins for every key, the electronics are arranged in rows and columns. * **Scanning:** The MCU sends a fast pulse through the columns. * **Detection:** If a key is pressed, the signal travels through a **diode** to a row pin. * **Processing:** The MCU identifies the Row/Column intersection and sends the corresponding HID code to the computer. ---
    ✨ Follow-up Questions
    • ⤷ How do I flash QMK firmware onto a 66-R2 PCB?
    • ⤷ What is the difference between a fixed-layout and a hot-swap 66-R2?
    • ⤷ How does the daughterboard connect to the main 66-R2 PCB?