Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 67D-R3

  • AI
    The term **67D-R3** typically refers to a high-performance, single-output **DC-DC Converter** module, often used in industrial or telecommunications power systems. These components are designed to regulate voltage efficiently in a compact form factor. --- ### 1. Key Technical Specifications Below are the general characteristics typically associated with the 67D-R3 series: | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage Range** | Wide range (e.g., 9-18V, 18-36V, or 36-75V DC) | | **Output Voltage** | Regulated (Commonly 3.3V, 5V, 12V, or 15V) | | **Power Rating** | Often ranges from 1W to 3W (Series dependent) | | **Isolation Voltage** | 1kV to 6kV DC (High isolation) | | **Package Type** | DIP (Dual In-line Package) or SIP (Single In-line Package) | | **Efficiency** | 75% - 85% | --- ### 2. Primary Electronic Functions The 67D-R3 operates as a switching power supply component with the following internal roles: 1. **Voltage Regulation:** It maintains a steady output voltage regardless of fluctuations in the input voltage or changes in the load. 2. **Galvanic Isolation:** It provides a physical and electrical barrier between the input and output circuits, protecting sensitive components from high-voltage surges or noise. 3. **Noise Filtering:** Includes internal capacitors and inductors to reduce electromagnetic interference (EMI) and ripple voltage. --- ### 3. Pin Configuration (Example) Most components in this category follow a standardized pinout for PCB mounting: ```text Pin 1: +Vin (Positive Input) Pin 2: -Vin (Negative Input/Ground) Pin 3: +Vout (Positive Output) Pin 4: -Vout (Negative Output) ``` --- ### 4. Common Applications * **Industrial Automation:** Powering sensors and microcontrollers on the factory floor. * **Telecommunications:** Isolating signal lines from power surges. * **Medical Equipment:** Providing high-isolation power for patient-connected devices. * **Data Acquisition:** Reducing ground loop noise in sensitive measurement systems.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the 67D-R3 series?
    • ⤷ How does galvanic isolation protect the rest of the circuit?
    • ⤷ Can the 67D-R3 be used in parallel for higher power output?