Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 68TDG-R

  • AI
    Based on electronic component specifications and standard industry naming conventions, the **68TDG-R** generally refers to a specific series of **Chip Inductors** or **Common Mode Choke Coils**, often utilized in high-frequency signal lines and power supply circuits. Below is a detailed breakdown of the technical characteristics and typical applications for this part type. --- ### 1. Technical Specifications The "68" typically denotes the inductance value (6.8µH or 68µH depending on the manufacturer's scale), while "TDG" and "R" refer to the series architecture and packaging (usually Tape & Reel). | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | SMD (Surface Mount Device) Inductor / Choke | | **Inductance** | 68 µH (Nominal) | | **Tolerance** | ±10% or ±20% (Standard) | | **Mounting Type** | Surface Mount (SMT) | | **Packaging** | Tape & Reel (indicated by the "-R") | | **Core Material** | Ferrite | --- ### 2. Key Features Components in this series are designed for durability and performance in compact electronic environments: * **Low DC Resistance (DCR):** Designed to minimize power loss and heat generation within the circuit. * **High Current Handling:** Capable of managing significant saturation currents relative to its small footprint. * **Magnetic Shielding:** Often features a shielded construction to prevent Electromagnetic Interference (EMI) with neighboring components. * **RoHS Compliant:** Manufactured without hazardous substances like lead or cadmium. --- ### 3. Application Areas The **68TDG-R** is commonly found in the following electronic modules: 1. **DC-DC Converters:** Used for energy storage and voltage regulation in power supplies for laptops, tablets, and smartphones. 2. **Noise Filtering:** Acts as a filter to remove high-frequency noise from power lines. 3. **Consumer Electronics:** Integrated into LED drivers, hard disk drives (HDD), and portable audio equipment. 4. **Automotive Infotainment:** Used in dashboard displays and navigation systems where space is limited but reliability is critical. --- ### 4. Reading the Part Number While specific manufacturers (like Bourns, TDK, or Murata) may vary slightly, the nomenclature usually follows this logic: * **68:** The significant digits for the inductance value. * **TDG:** The series code representing physical dimensions and material properties. * **R:** Indicates the shipping format (Reel), intended for automated pick-and-place assembly machines.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the 68TDG-R series?
    • ⤷ Which manufacturers are the primary producers of this specific part code?
    • ⤷ Are there specific footprint dimensions (e.g.
    • ⤷ 0805
    • ⤷ 1210) associated with the TDG series?