Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 6SC-R

  • AI
    The **6SC-R** typically refers to a specific series of **Photocouplers (Optocouplers)** or solid-state switching components, most notably associated with brands like **Cosmo Electronics** or used in specific industrial control boards. Below is an explanation of the electronic architecture and technical specifications of this component. --- ## 1. Core Functionality The 6SC-R is an optoisolator. Its primary purpose is to transfer electrical signals between two isolated circuits using light. This prevents high voltages on one side from damaging the low-power control side. ### Internal Components | Component | Description | | :--- | :--- | | **Input Side** | Consists of an Infrared Emitting Diode (IRED). | | **Output Side** | Consists of a Photo-Transistor or Photo-Darlington pair. | | **Dielectric** | A transparent insulation layer that allows light to pass but blocks electricity. | --- ## 2. Technical Specifications The "6SC" series generally follows standard industrial parameters for 4-pin or 6-pin DIP (Dual In-line Package) configurations. | Parameter | Typical Value | | :--- | :--- | | **Forward Current ($I_F$)** | 50mA | | **Collector-Emitter Voltage ($V_{CEO}$)** | 80V (High Voltage variants) | | **Isolation Voltage ($V_{iso}$)** | 5,000 Vrms | | **Current Transfer Ratio (CTR)** | 50% to 600% (depending on rank) | | **Response Time ($t_r / t_f$)** | 4μs to 18μs | --- ## 3. Pinout Configuration For a standard **6SC-R** in a 4-pin package: 1. **Pin 1 (Anode):** Positive terminal of the internal LED. 2. **Pin 2 (Cathode):** Negative terminal of the internal LED. 3. **Pin 3 (Emitter):** Output transistor ground/negative. 4. **Pin 4 (Collector):** Output transistor signal/positive. --- ## 4. Key Applications * **Switching Power Supplies (SMPS):** Used in feedback loops to regulate output voltage while maintaining isolation. * **System Appliances:** Controlling high-power loads (motors, heaters) from a microcontroller (Arduino, PLC). * **Noise Suppression:** Eliminating ground loops in communication lines (RS-232, MIDI). * **Computer Peripherals:** Protecting I/O ports from external voltage spikes. --- ## 5. Circuit Implementation Example To use the 6SC-R, you must calculate a current-limiting resistor for the input LED to prevent burnout. ```cpp // Example Calculation for 5V Logic // R = (V_input - V_forward) / I_forward // R = (5V - 1.2V) / 0.02A = 190 Ohms (Standard 220 Ohm used) ```
    ✨ Follow-up Questions
    • ⤷What is the difference between the 6SC and the 4N35 optocouplers?
    • ⤷ How do I calculate the Current Transfer Ratio (CTR) for a 6SC-R?
    • ⤷ Can a 6SC-R be used for high-speed data transmission?