Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 7-P16-R

  • AI
    The **7-P16-R** is a specific model of an **Industrial Joystick** or **Potentiometric Controller**, commonly manufactured by brands like *CH Products* or used in specific industrial control panels. It is designed for precision movement control in equipment like security cameras (PTZ), medical instruments, and heavy machinery. --- ## 1. Technical Specifications The "7-P16-R" code typically refers to a **Single-Axis** or **Dual-Axis** resistive joystick assembly. Below are the standard electronic parameters: | Parameter | Specification | | :--- | :--- | | **Component Type** | Potentiometer-based Joystick | | **Resistance Value** | 5kΩ or 10kΩ (Standard) | | **Resistance Tolerance** | ±20% | | **Power Rating** | 0.25 Watts | | **Electrical Travel** | Approximately 50° to 60° | | **Return Mechanism** | Spring Return to Center (Self-centering) | | **Termination** | Solder Lugs or Wire Leads | --- ## 2. Key Electronic Components ### A. The Potentiometer (The "P" in the code) The heart of the 7-P16-R is a high-precision rotary potentiometer. * **Voltage Divider:** It functions as a voltage divider. As the stick moves, the wiper slides across a resistive element, changing the output voltage. * **Linearity:** Usually features linear taper, meaning the voltage change is proportional to the physical displacement. ### B. Centering Spring While mechanical, this part is crucial for the electronic "Zero" state. It ensures that when the operator releases the handle, the potentiometer returns to the center tap (usually 50% of the input voltage), signaling a "neutral" command to the controller. ### C. Mounting and Housing The "7" series usually indicates a miniature or sub-miniature mounting footprint, making it suitable for handheld controllers or compact desk consoles. --- ## 3. Wiring Diagram (Typical) To interface the 7-P16-R with a microcontroller (like an Arduino or PLC), you use the three pins of the internal potentiometer: ```cpp // Typical Wiring Logic Pin 1: +VDC (Power Supply, e.g., 5V) Pin 2: Output (Wiper - Connected to Analog Input) Pin 3: GND (Ground) ``` --- ## 4. Common Applications * **CCTV Systems:** Controlling Pan/Tilt/Zoom functions. * **Wheelchairs:** Electric mobility steering. * **Automation:** Fine-tuning robotic arm positions. * **Audio/Visual:** Controlling faders or motorized equipment.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the 7-P16-R potentiometer?
    • ⤷ Can this joystick be used with a 3.3V logic microcontroller?
    • ⤷ How do I calibrate the center deadzone for this joystick in software?