Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 70FDR10A

  • AI
    The **70FDR10A** is a specific type of high-speed power diode, typically categorized as a **Fast Recovery Diode (FRD)** or a **Standard Recovery Rectifier** depending on the specific manufacturer's branding (often associated with brands like Vishay or IR). It is designed for high-current power conversion and industrial applications. --- ## 1. Technical Specifications The alphanumeric code provides key insights into its operational limits: | Parameter | Value | Description | | :--- | :--- | :--- | | **Forward Current ($I_{F(AV)}$)** | **70 Amperes** | The maximum average rectified current it can handle. | | **Peak Reverse Voltage ($V_{RRM}$)** | **1000 Volts** | The maximum repetitive voltage it can block in reverse. | | **Package Type** | **DO-203AB (DO-5)** | A stud-mount metal case for high heat dissipation. | | **Recovery Time ($t_{rr}$)** | **Fast/Standard** | Optimized for power frequency rectification or switching. | --- ## 2. Key Physical Features * **Stud-Mount Design:** The component features a threaded metal stud. This allows it to be screwed directly onto a heatsink, ensuring efficient thermal management. * **Hermetic Sealing:** Most versions are hermetically sealed in metal to withstand harsh industrial environments, moisture, and dust. * **Polarity:** Available in both **Normal** (Stud is Anode) and **Reverse** (Stud is Cathode, often denoted with an 'R' suffix like 70FDR10**R**A). --- ## 3. Core Applications Due to its high current and voltage rating, the 70FDR10A is commonly used in: 1. **Power Supplies:** Large-scale DC power supplies for industrial machinery. 2. **Battery Chargers:** High-output charging systems for forklifts or backup arrays. 3. **Motor Controls:** Used in freewheeling diode circuits to protect against inductive spikes. 4. **Welding Equipment:** Rectifying AC to DC for arc welding applications. 5. **Traction Systems:** Early-stage rectification in electric transport power modules. --- ## 4. Handling and Installation * **Torque Specifications:** When mounting to a heatsink, specific torque (usually measured in Newton-meters) must be applied to ensure a good thermal connection without stripping the threads. * **Thermal Paste:** Always use a thin layer of thermal grease between the stud base and the heatsink to minimize thermal resistance. * **Snubber Circuits:** In high-voltage switching, it is often paired with an RC snubber circuit to prevent voltage transients from damaging the junction. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the 70FDR10A and the 70FDR10RA?
    • ⤷ How do I calculate the heat sink size required for a 70A diode?
    • ⤷ Can this diode be used in high-frequency induction heating?