Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 70FDR10B

  • AI
    ## Overview of the 70FDR10B The **70FDR10B** is a specialized electronic component, typically categorized as a **Fast Recovery Diode** or a high-current rectifier module, often used in industrial power electronics. It is designed to handle significant current loads while maintaining high switching speeds. --- ### Technical Specifications The following table outlines the primary electrical and thermal characteristics of the 70FDR10B: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Average Forward Current ($I_{F(AV)}$)** | 70 Amperes | The maximum continuous current the device can handle. | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 1000 Volts | The maximum voltage it can block in the reverse direction. | | **Reverse Recovery Time ($t_{rr}$)** | ~200 - 500 ns | The time taken to stop conducting after switching off. | | **Forward Voltage Drop ($V_F$)** | ~1.2V to 1.5V | Voltage lost across the diode during conduction. | | **Operating Temperature** | -40°C to +150°C | The functional thermal range for the silicon junction. | --- ### Key Features 1. **Fast Recovery Characteristics:** Unlike standard rectifiers, this part is optimized to transition from an "on" state to an "off" state very quickly. This reduces power loss during high-frequency switching. 2. **High Surge Capability:** Designed to withstand brief spikes in current (non-repetitive surge) that occur during startup or fault conditions. 3. **Mechanical Construction:** Usually features a stud-mount or bolt-down package to ensure a solid thermal connection to a heatsink. --- ### Typical Applications The 70FDR10B is commonly integrated into the following systems: * **Welding Machines:** Used in the rectification stage to convert AC to DC for high-current welding arcs. * **Uninterruptible Power Supplies (UPS):** Acts as a protection or steering diode in battery charging circuits. * **Induction Heating:** Supports high-frequency switching power supplies. * **Motor Drives:** Provides freewheeling diode protection for DC motor controllers. --- ### Circuit Symbol Representation In a schematic, it is represented as a standard diode but is often part of a bridge or a parallel array: ```text (Anode) (Cathode) A ----|>|---- K ^ 70FDR10B Diode ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the 70FDR10B?
    • ⤷ How do I calculate the heat sink requirements for this 70A diode?
    • ⤷ What is the difference between a standard recovery and a fast recovery diode like this one?