Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 7101L2CWCBE

  • AI
    The **7101L2CWCBE** is a specific part number for a subminiature toggle switch manufactured by **C&K** (now part of Littelfuse). It is widely used in telecommunications, instrumentation, and medical equipment due to its reliability and sealing properties. --- ## 1. Part Number Breakdown The part number follows a specific nomenclature that defines every physical and electrical characteristic of the component: | Code Segment | Feature | Description | | :--- | :--- | :--- | | **7101** | Series & Model | SPDT (Single Pole, Double Throw) On-On Switch | | **L2** | Actuator Height | 0.540" (13.72mm) long, polished chrome finish | | **CW** | Bushing Style | 0.250" diameter, threaded, with internal O-ring seal | | **CB** | Contact Material | Gold over Nickel over Copper Alloy | | **E** | Seal Type | Epoxy terminal seal (bottom of the switch) | --- ## 2. Technical Specifications The electrical and physical limits of the 7101L2CWCBE are critical for circuit design: ### Electrical Ratings - **Contact Rating:** 0.4 Volt-Amps (VA) max @ 20V AC or DC max. - **Contact Resistance:** Below 10 mΩ typ. initial @ 2-4 V DC, 100 mA. - **Insulation Resistance:** $10^9$ Ω minimum. - **Dielectric Strength:** 1,000 Vrms minimum at sea level. ### Mechanical & Environmental - **Operating Temperature:** -30°C to 85°C. - **Seal Rating:** **IP67** (Dust-tight and protected against water immersion). - **Actuation:** 2-position (On-On). - **Terminals:** PC Thru-hole (Straight). --- ## 3. Key Component Features ### A. Gold-Plated Contacts ("CB") Unlike silver-plated switches, the "CB" designation indicates gold contacts. Gold is used for **logic-level switching** (low voltage/low current) because it does not oxidize, ensuring a stable connection over time in sensitive electronic circuits. ### B. Environmentally Sealed ("CW") The "CW" bushing includes an internal O-ring. This makes the switch suitable for applications where the front panel might be exposed to splashing water, oil, or cleaning solvents, maintaining an IP67 rating. ### C. Epoxy Terminal Seal ("E") The base of the terminals is sealed with epoxy. This prevents solder flux or contaminants from entering the switch housing during the PCB soldering process, which is vital for long-term reliability. --- ## 4. Typical Applications * **Handheld Instruments:** Due to the subminiature size. * **Medical Devices:** Where sterilization or cleaning fluids might be present. * **Telecommunications:** For signal routing where low-level switching is required. * **Industrial Controls:** Used in rugged environments requiring IP67 protection.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Gold and Silver contacts for this switch series?
    • ⤷ Can this switch be used for high-voltage AC applications?
    • ⤷ How does the IP67 rating affect the installation process?