Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 7101P3CWCBE

  • AI
    ## 7101P3CWCBE: Technical Component Overview The **7101P3CWCBE** is a specific model of a subminiature toggle switch manufactured by **C&K** (now part of Littelfuse). It is widely used in telecommunications, instrumentation, and medical equipment due to its high reliability and environmental sealing. --- ### 1. Part Number Breakdown To understand the electronic capabilities, we must decode the alphanumeric suffix: | Code Segment | Description | Specific Detail | |:---|:---|:---| | **7101** | Series & Function | SPDT (Single Pole Double Throw) On-None-On | | **P3** | Actuator Style | 0.450" high, flatted anti-rotation actuator | | **CW** | Bushing Style | 0.250" high, keyed, splashproof (internal O-ring) | | **CB** | Contact Material | Gold over Nickel over Copper Alloy | | **E** | Seal Type | Epoxy Terminal Seal | --- ### 2. Key Specifications The following table outlines the electrical and mechanical limits of the component: | Parameter | Specification | |:---|:---| | **Contact Rating** | 0.4 VA max @ 20 V AC or DC max | | **Electrical Life** | 100,000 make-and-break cycles at full load | | **Contact Resistance** | 10 mΩ max. initial @ 2-4 V DC, 100 mA | | **Insulation Resistance** | $10^9$ Ω min | | **Dielectric Strength** | 1,000 Vrms @ sea level | | **Operating Temp** | -30°C to 85°C | --- ### 3. Electronic Features & Construction #### A. Contact Material (Gold) The "B" in the part number signifies **Gold** contacts. Unlike silver, gold does not oxidize. This makes the 7101P3CWCBE ideal for "dry circuits" (low power/low voltage applications) where maintaining low contact resistance is critical. #### B. Environmental Sealing (CW/E) * **Splashproof Bushing (CW):** Features an internal O-ring that protects the switch logic from moisture and dust entering through the front panel. * **Epoxy Seal (E):** The terminals at the base are sealed with epoxy to prevent solder flux or contaminants from entering the switch housing during PCB assembly. #### C. Switching Logic (SPDT) As a **Single Pole Double Throw** switch, it has three terminals. In position 1, the center pin connects to Pin A; in position 2, it connects to Pin B. There is no "Off" position in the center (On-None-On). --- ### 4. Common Applications * **Handheld Instruments:** Due to the subminiature size. * **Medical Devices:** Reliable switching for low-power signal processing. * **Control Panels:** Used where space is limited but environmental protection is required.
    ✨ Follow-up Questions
    • ⤷ What is the difference between gold and silver contacts in the 7000 series?
    • ⤷ Can this switch be used for high-voltage AC applications?
    • ⤷ What are the PCB mounting hole dimensions for the CW bushing?