Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 7130LA55J

  • AI
    The **7130LA55J** is a high-speed **1K x 8 Dual-Port Static RAM (SRAM)** manufactured by Renesas (formerly IDT - Integrated Device Technology). This component is designed to allow two independent processors or buses to access the same memory location simultaneously. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Size** | 8 Kbit (1,024 words x 8 bits) | | **Access Time** | 55 ns | | **Supply Voltage** | 5.0V (±10%) | | **Package Type** | PLCC-52 (Plastic Leaded Chip Carrier) | | **Power Consumption** | Low Power ("LA" version) | | **Operating Temp** | 0°C to +70°C (Commercial) | --- ### 2. Functional Description The primary feature of the 7130LA55J is its **Dual-Port** architecture. Unlike standard RAM, it has two sets of completely independent control, address, and I/O pins. * **Simultaneous Access:** Both ports can read or write to any location in the memory at the same time. * **On-Chip Hardware Arbitration:** To prevent data corruption during simultaneous writes to the same address, the chip includes "Busy" logic signals to manage priority. * **Interrupt Function:** It features mailbox functionality (Interrupt flags) that allows one processor to signal another when data is ready. --- ### 3. Pinout and Connectivity The **PLCC-52** package provides the necessary pins for two distinct interfaces: * **Left Port:** $A_{0L}-A_{9L}$, $I/O_{0L}-I/O_{7L}$, $CE_L$, $OE_L$, $RW_L$. * **Right Port:** $A_{0R}-A_{9R}$, $I/O_{0R}-I/O_{7R}$, $CE_R$, $OE_R$, $RW_R$. * **Control Signals:** $\overline{BUSY}$ (to signal port contention) and $\overline{INT}$ (for messaging). --- ### 4. Common Applications Due to its ability to bridge two different systems, the 7130LA55J is commonly found in: 1. **Multiprocessor Systems:** Acting as a shared buffer between two CPUs. 2. **DSP Systems:** Passing data between a Digital Signal Processor and a general-purpose host controller. 3. **Communication Buffers:** Managing data flow between two different buses (e.g., a local bus and a system bus). ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the 7130L and 7130LA versions?
    • ⤷ How does the 'Busy' logic handle simultaneous write conflicts?
    • ⤷ Are there modern pin-compatible replacements for the PLCC-52 package?