Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 7130LA55PDGI

  • AI
    The **7130LA55PDGI** is a high-performance **High-Speed 1K x 8 Dual-Port Static RAM (SRAM)** manufactured by Renesas Electronics (formerly IDT - Integrated Device Technology). This specific part is designed for applications where two independent systems or processors need to access a common memory space simultaneously without delay. --- ### ## Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Type** | SRAM - Dual Port, Asynchronous | | **Memory Size** | 8Kb (1K x 8 bits) | | **Speed (Access Time)** | 55 ns | | **Voltage Supply** | 4.5V ~ 5.5V | | **Interface** | Parallel | | **Package Type** | PDIP-48 (Plastic Dual In-line Package) | | **Operating Temp** | -40°C ~ 85°C (Industrial Grade) | --- ### ## Key Features and Architecture 1. **True Dual-Ported Architecture:** It allows simultaneous access to any location in memory from two independent ports. This is achieved through internal arbitration logic. 2. **Hardware Interrupts:** It features "Mailbox" interrupt flags (INTL and INTR) that allow one port to signal the other when a message has been left in a specific memory location. 3. **Busy Logic:** The chip includes dedicated BUSY pins to prevent write-write or read-write conflicts if both ports attempt to access the same address at exactly the same time. 4. **Low Power (LA version):** The "LA" designation indicates a low-power version of the chip, which consumes less current during standby and active modes compared to the standard "L" version. --- ### ## Pin Configuration Overview The 48-pin PDIP layout is split to support two identical sets of control signals: * **Address Inputs (A0-A9):** Independent for Left and Right ports. * **Data I/O (I/O0-I/O7):** Independent bidirectional data lines. * **Control Signals:** * **CE (Chip Enable):** Activates the port. * **OE (Output Enable):** Controls data output buffers. * **R/W (Read/Write):** Determines the direction of data flow. * **SEM (Semaphore):** Used for managing shared resources. --- ### ## Applications * **Inter-processor communication:** Connecting a Microcontroller to a Digital Signal Processor (DSP). * **Shared Buffers:** Used in networking equipment for packet buffering. * **Video Processing:** Synchronizing data between a CPU and a display controller.
    ✨ Follow-up Questions
    • ⤷ How does the BUSY logic handle simultaneous writes to the same memory address?
    • ⤷ What are the main differences between the LA and L power versions of this chip?
    • ⤷ Can you provide a basic schematic connection for interfacing this with an 8-bit MCU?