Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 7134LA55P

  • AI
    The **7134LA55P** is a high-speed CMOS Dual-Port Static RAM (SRAM) manufactured by IDT (Integrated Device Technology, now part of Renesas). It is designed to allow two independent systems to access the same memory space simultaneously. --- ### ## Technical Specifications | Parameter | Specification | | :--- | :--- | | **Part Number** | 7134LA55P | | **Memory Size** | 32 Kbit (4K x 8 bits) | | **Access Time** | 55 ns | | **Interface** | Parallel (Dual-Port) | | **Operating Voltage** | 5.0V ± 10% | | **Package Type** | PDIP-48 (Plastic Dual In-line Package) | | **Power Consumption** | Low Power (LA series) | | **Operating Temp** | 0°C to +70°C (Commercial) | --- ### ## Key Features 1. **True Dual-Ported Architecture**: This chip features two sets of independent control, address, and I/O pins. This allows the "Left Port" and "Right Port" to read or write to any location in the memory at the same time. 2. **Low Power (LA Version)**: The "LA" designation indicates a low-power version of the chip, which consumes less battery/current during standby mode compared to the standard "S" version. 3. **Arbitration Logic**: It includes on-chip logic to handle "busy" signals if both ports attempt to write to the exact same memory location simultaneously, preventing data corruption. 4. **Asynchronous Operation**: The ports do not need to be synchronized with the same clock; they can operate at different speeds or intervals. --- ### ## Pin Configuration Overview (PDIP-48) The 48-pin package is relatively large due to the duplication of address and data lines. * **A0L - A11L / A0R - A11R**: Address inputs for Left and Right ports. * **I/O0L - I/O7L / I/O0R - I/O7R**: Data Input/Output for Left and Right ports. * **CE (Chip Enable)**: Activates the specific port. * **OE (Output Enable)**: Controls the data output buffers. * **R/W (Read/Write)**: Determines if the operation is a read or write. * **BUSY**: Output signal used to indicate a port access conflict. --- ### ## Common Applications * **Inter-processor Communication**: Bridging data between two different CPUs or a CPU and a DSP. * **Buffered Peripheral Interfaces**: Acts as a buffer between a high-speed bus and a slower peripheral. * **Shared Memory Systems**: Used in older computing architectures or industrial controllers where two controllers need real-time access to a shared data set. ---
    ✨ Follow-up Questions
    • ⤷How does the 'BUSY' logic function if both ports write to the same address?
    • ⤷ What are the modern alternatives to the 7134 series for high-speed data sharing?
    • ⤷ Can the 7134LA55P be used with 3.3V logic levels?