Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 7140LA55TFGI8

  • AI
    The **7140LA55TFGI8** is a high-performance CMOS Dual-Port Static RAM (SRAM) integrated circuit. It is primarily used in systems where two independent processors or buses need to access the same memory space simultaneously without latency. --- ## 1. Component Identification & Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Renesas Electronics (formerly IDT - Integrated Device Technology) | | **Memory Type** | SRAM - Dual Port, Asynchronous | | **Memory Size** | 8Kbit (1K x 8-bit) | | **Speed / Access Time** | 55 ns (Nanoseconds) | | **Voltage Supply** | 4.5V to 5.5V | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Package / Case** | 64-TQFP (Thin Quad Flat Pack) | | **Interface** | Parallel | --- ## 2. Pin and Functional Breakdown As a **Dual-Port RAM**, this chip contains two independent sets of control, address, and I/O pins (Left Port and Right Port). ### Key Functional Blocks: 1. **Independent Access:** Both the left and right ports can read from or write to any location in the memory array at the same time. 2. **Control Logic:** * **$\overline{CE}$ (Chip Enable):** Activates the port. * **$\overline{OE}$ (Output Enable):** Manages the output drivers. * **R/$\overline{W}$ (Read/Write):** Determines the data direction. * **$\overline{SEM}$ (Semaphore Enable):** Used for hardware-level software arbitration. 3. **Arbitration Logic ($\overline{BUSY}$ pins):** * If both ports attempt to write to the same address simultaneously, the internal logic triggers the `BUSY` signal to prioritize one port and prevent data corruption. 4. **Interrupt Logic ($\overline{INT}$ pins):** * Allows one port to send an interrupt signal to the other, useful for inter-processor communication messaging. --- ## 3. Deciphering the Part Number The suffix **7140LA55TFGI8** can be broken down as follows: * **7140:** High-speed 1K x 8 Dual-Port SRAM. * **L / A:** Low power version / Revision code. * **55:** 55ns access time. * **TFG:** Package code (Thin Quad Flatpack, Green/RoHS compliant). * **I:** Industrial temperature range (-40°C to +85°C). * **8:** Tape and Reel packaging. --- ## 4. Common Applications * **Multiprocessor Systems:** Bridging communication between a DSP and a CPU. * **Shared Memory:** Used as a buffer for high-speed data transfer between two asynchronous buses. * **Communication Hubs:** Buffering packets in networking hardware. * **Industrial Automation:** Handling real-time data synchronization between a controller and a monitoring system.
    ✨ Follow-up Questions
    • ⤷ How does the 'BUSY' logic handle simultaneous write attempts in this specific chip?
    • ⤷ What are the power consumption differences between the 'L' (Low Power) and standard versions of the 7140 series?
    • ⤷ Can you explain the hardware semaphore mechanism used in this Dual-Port SRAM?