Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 72L-AL6-R

  • AI
    The **72L-AL6-R** is a specific model of an **Industrial LED Indicator Light**, typically manufactured by companies like **DECA SwitchLab** or similar industrial component firms. These are commonly used in control panels, machinery, and automation equipment to provide visual feedback on system status. --- ## 1. Technical Specifications The part number follows a modular nomenclature. Below is a breakdown of the standard specifications for this series: | Parameter | Specification | | :--- | :--- | | **Component Type** | LED Pilot Lamp / Indicator | | **Mounting Diameter** | 16mm (Standard industrial cutout) | | **Input Voltage** | Typically 6V AC/DC (indicated by '6') | | **LED Color** | Red (indicated by 'R') | | **Head Shape** | Square / Large Square (indicated by 'L') | | **Terminal Type** | Solder / Plug-in terminals | | **Operating Temp** | -25°C to +55°C | --- ## 2. Part Number Breakdown Understanding the "72L-AL6-R" code helps in identifying the exact physical and electrical traits: 1. **72**: Refers to the series (16mm diameter series). 2. **L**: Indicates the head style (usually "Large" or a specific square frame). 3. **A**: Refers to the contact or operational type (Indicator/Pilot light). 4. **L6**: Specifies the light source and voltage (**L**ED, **6** Volts). 5. **R**: Specifies the lens and LED color (**R**ed). --- ## 3. Key Electronic Features ### A. Integrated Resistor Unlike raw LEDs, this part includes an internal current-limiting resistor. This allows it to be connected directly to a 6V power source without burning out the diode. ### B. Polarity Since this model is rated for **AC/DC**, it usually features a bridge rectifier or a bi-directional LED configuration, meaning it will illuminate regardless of which way the positive and negative wires are connected. ### C. Protection Rating Most parts in this series are rated **IP40** or **IP65** (depending on the sealing), making them resistant to dust and oil splashes common in factory environments. --- ## 4. Typical Applications * **Control Panels:** To indicate "Power On" or "System Error." * **PLC Outputs:** Driven by 6V PLC output modules to show process status. * **Testing Equipment:** Used in portable diagnostic tools due to its small 16mm footprint. ---
    ✨ Follow-up Questions
    • ⤷ Does this indicator require an external resistor for higher voltages?
    • ⤷ What are the alternative color codes for this series?
    • ⤷ How do I mount this part into a control panel?