Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 7398L

  • AI
    The **7398L** typically refers to a high-performance, integrated audio power amplifier circuit, most commonly associated with the **TDA7398L** (manufactured by STMicroelectronics). This specific component is designed primarily for high-power automotive radio applications. --- ## 1. Technical Specifications The TDA7398L is a Bridge Tied Load (BTL) class AB audio power amplifier. Below are its core electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Supply Voltage (Vcc)** | 8V to 18V (Standard car battery range) | | **Output Power** | ~30W into 4$\Omega$ (at 14.4V) | | **Package Type** | PowerSO20 (Surface Mount) | | **Number of Channels** | 1 (Mono) | | **Operating Temperature** | -40°C to +150°C | --- ## 2. Key Electronic Features The internal circuitry of the 7398L includes several integrated blocks that simplify the PCB design for engineers: * **Differential Input:** It utilizes a fully differential input stage, which helps significantly in reducing "hum" and electromagnetic interference (EMI) commonly found in vehicle environments. * **Stand-by & Mute Functions:** These pins allow the microcontroller to power down the chip or silence the audio without physically disconnecting the power supply, preventing "pop" noises during startup. * **Internal Gain:** The gain is usually fixed internally (often around 26dB to 30dB), which reduces the need for external resistors. * **No Bootstrap Capacitors:** The design is "capacitor-less" regarding output DC blocking, meaning the speakers can be connected directly to the output pins. --- ## 3. Built-in Protection Circuitry The "L" variant is robustly engineered to survive the harsh electrical environment of a car: 1. **Short Circuit Protection:** Protects against shorts to ground, shorts to Vcc, and across the load. 2. **Thermal Overload:** Automatically shuts down or reduces output if the junction temperature exceeds safe limits. 3. **Load Dump Voltage:** Can withstand high voltage spikes (up to 50V) often caused by the alternator. 4. **Reverse Polarity:** Protects the internal transistors if the battery leads are connected backward. --- ## 4. Typical Application Circuit When designing with the 7398L, the external component count is minimal. A standard circuit usually requires: * **Decoupling Capacitors:** (e.g., 100nF and 1000uF) placed close to the Vcc pins to stabilize power. * **Input Capacitors:** Used to block DC from the audio source. * **ST-BY/Mute Control:** Resistors and capacitors to set the timing for the power-on sequence.
    ✨ Follow-up Questions
    • ⤷ What are the pinout differences between the TDA7398 and the TDA7398L?
    • ⤷ How does a BTL (Bridge Tied Load) configuration improve power output in this chip?
    • ⤷ Can the 7398L be used for 2-ohm or 8-ohm speaker loads safely?