Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 73VR2102-E-R

  • AI
    The **73VR2102-E-R** is a specific model within the **73VR21xx series** of Paperless Recorders manufactured by **M-System**. These devices are used in industrial automation to monitor, display, and record analog or discrete signals without the need for physical paper charts. --- ## 1. Technical Specifications The model code `73VR2102-E-R` breaks down into specific hardware configurations. | Component | Specification | Description | | :--- | :--- | :--- | | **Series** | 73VR21xx | Paperless Recording System | | **Display** | 5.5-inch TFT Color LCD | QVGA (320 x 240) resolution with backlight | | **Input Channels** | 2 Channels | Universal inputs (DC, Thermocouple, RTD) | | **Power Supply** | 100 – 240V AC | Standard industrial AC power input | | **Storage** | CF Card Slot | Used for data logging and configuration backup | | **Mounting** | Panel Mount | Designed for control cabinet integration | --- ## 2. Key Electronic Features ### Universal Input Circuitry One of the most significant electronic aspects of this unit is its **Universal Input** design. Each channel is equipped with a high-resolution A/D converter and signal conditioning electronics that allow it to accept: * **DC Voltage:** Range from $\pm 60mV$ to $\pm 10V$. * **DC Current:** 4 – 20mA (via external shunt resistor). * **Thermocouples:** Types K, E, J, T, B, R, S, C, N, and U. * **RTD:** Pt100, JPt100, Pt50, Ni100, etc. ### Data Management and Communication * **Sampling Rate:** Typically ranges from 100ms up to several minutes per sample, depending on settings. * **Isolation:** High-level galvanic isolation between inputs, power, and communication ports to prevent ground loops. * **Interfaces:** Usually includes an RS-485 port (Modbus RTU) or Ethernet (Modbus TCP) for SCADA integration. ### Storage and Memory The device uses internal volatile memory for immediate processing and non-volatile flash memory (CF Card) for long-term data archival. This ensures data integrity even during a power failure. --- ## 3. Physical Interface and Layout The front panel is designed for industrial environments (IP65 rated), while the rear contains the electronic terminal blocks. * **Front:** Navigation keys (Up, Down, Left, Right, ESC, ENT) and the LCD display. * **Rear Terminals:** * **Power:** L, N, and Ground. * **Inputs:** Screw terminals for signal wiring. * **Comms:** D-sub or terminal pins for RS-485. --- ## 4. Usage Example (Wiring Configuration) To wire a standard 4-20mA sensor to this device, you would follow this general electronic logic: ```markdown 1. Install a 250Ω precision shunt resistor across the input terminals. 2. Configure the internal software setting to "1-5V DC" or "4-20mA". 3. Connect the (+) of the sensor to the (+) of the terminal. 4. Connect the (-) of the sensor to the (-) of the terminal. ```
    ✨ Follow-up Questions
    • ⤷ How do I configure the sampling rate for the 73VR2102?
    • ⤷ What is the maximum capacity CF card supported by this model?
    • ⤷ How do I perform a factory reset on this paperless recorder?