Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 74-R2

  • AI
    The term **74-R2** usually refers to a specific variation of the **7400 series logic family** (specifically the 74R2 or 74-suffix-R2), or more commonly, a reference to a specific **Surface Mount Device (SMD) resistor network** or a **Logic Gate** revision. Below is a breakdown of the most common electronic parts associated with the "74-R2" designation. --- ### 1. The 7400 Series Logic Gates (R2 Revision) In the context of integrated circuits (ICs), the "74" prefix identifies the standard TTL (Transistor-Transistor Logic) family. The "R2" suffix often denotes a specific **Tape and Reel** packaging code or a **second revision** of a CMOS variant. | Feature | Specification | | :--- | :--- | | **Logic Type** | Digital Logic (NAND, NOR, AND, etc.) | | **Supply Voltage (Vcc)** | 2.0V to 6.0V (CMOS) / 4.75V to 5.25V (TTL) | | **Input Type** | Schmitt-Trigger or Standard | | **Common Package** | SOIC-14, TSSOP-14 | ### 2. Resistor Networks (74x Series) A "74R" designation is frequently found in **resistor networks** (arrays). These parts contain multiple resistors in a single package to save PCB space. * **R2 Value:** Often indicates the resistance value or a secondary resistor in a voltage divider network within the array. * **Application:** Used for line termination, pull-up/pull-down resistors, or LED current limiting. ### 3. SMD Marking Codes In many cases, "74-R2" is a marking code found on the top of small SMD components. | Marking | Likely Component | Description | | :--- | :--- | :--- | | **74** | PDTC114ET | NPN Resistor-Equipped Transistor (RET) | | **R2** | 2N7002 | N-Channel Enhancement Mode Field Effect Transistor | | **74R2** | Custom IC | Specific vendor revision for a logic buffer | --- ### Troubleshooting & Identification Tips If you are looking at a physical part labeled "74-R2", follow these steps to identify it: 1. **Check the Logo:** Look for a small manufacturer logo (TI, NXP, ST, ON Semi). 2. **Measure Dimensions:** If it is a 3-pin device, it is likely a transistor (SOT-23). If it has 14+ pins, it is a logic IC. 3. **Circuit Placement:** * If it is near a CPU, it is likely a **Logic Buffer** or **Resistor Network**. * If it is near a power input, it may be a **Voltage Supervisor**.
    ✨ Follow-up Questions
    • ⤷ What is the physical package type of the part you are looking at (e.g.
    • ⤷ 3-pin or 14-pin)?
    • ⤷ Are there any manufacturer logos visible on the component casing?
    • ⤷ Is this part being used in a power regulation circuit or a data signal path?