Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 74ABT373CPCQB

  • AI
    ## Technical Overview: 74ABT373CPCQB The **74ABT373CPCQB** is a high-performance integrated circuit (IC) belonging to the **Advanced BiCMOS Technology (ABT)** family. It is an 8-bit (octal) transparent latch featuring 3-state outputs, designed primarily for bus-oriented applications and interface buffering. --- ### 1. Key Technical Specifications | Parameter | Description | | :--- | :--- | | **Logic Type** | Octal D-Type Transparent Latch | | **Technology** | BiCMOS (Bipolar + CMOS) | | **Operating Voltage** | 4.5V to 5.5V | | **Output Current** | High drive (typically 32mA source / 64mA sink) | | **Propagation Delay** | Very Low (~3ns to 5ns) | | **Package Type** | CQFP (Ceramic Quad Flat Pack) | | **Temperature Range** | Military/Industrial Grade (-55°C to +125°C) | --- ### 2. Functional Pins and Logic The device contains eight D-type latches. When the **Latch Enable (LE)** input is HIGH, the outputs follow the data inputs. When LE is pulled LOW, the data is stored (latched). #### Pin Definitions * **D0 - D7:** 8-bit Data Inputs. * **Q0 - Q7:** 8-bit 3-State Outputs. * **LE (Latch Enable):** Controls the transparency of the latch. * **OE (Output Enable):** Controls the impedance state of the outputs. * **VCC / GND:** Power supply and ground pins. --- ### 3. Truth Table | Mode | OE | LE | D (Input) | Q (Output) | | :--- | :--- | :--- | :--- | :--- | | **Transparent** | L | H | L | L | | **Transparent** | L | H | H | H | | **Latched** | L | L | X | $Q_0$ (Previous State) | | **High Impedance**| H | X | X | Z (High-Z) | --- ### 4. Advanced BiCMOS (ABT) Features The "ABT" prefix indicates specific electronic advantages over standard CMOS or TTL parts: 1. **High Drive Capability:** Specifically designed to drive heavily loaded backplanes or long bus lines. 2. **Low Power Consumption:** Uses CMOS for internal logic to keep static power low. 3. **Low Noise:** Optimized for reduced ground bounce and signal EMI. 4. **Live Insertion:** Many ABT parts support "Hot Swap" or live insertion into powered backplanes without damage. ### 5. Part Number Breakdown (74ABT373CPCQB) * **74:** Commercial/Standard prefix. * **ABT:** Advanced BiCMOS Technology. * **373:** Octal transparent latch function code. * **CPCQB:** Indicates the **Ceramic Quad Flat Pack** packaging and specific screening/reliability levels (often associated with military or aerospace grade components). ---
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between a D-type latch and a D-type flip-flop?
    • ⤷ How does 'High-Z' state facilitate bus communication?
    • ⤷ In what specific industries is the CQFP package typically used?