Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 74ABT373CPCX

  • AI
    ## Technical Overview: 74ABT373CPCX The **74ABT373CPCX** is a high-performance integrated circuit (IC) belonging to the **ABT (Advanced BiCMOS Technology)** family. It is an 8-bit octal transparent latch with 3-state outputs, designed primarily for bus-oriented applications. --- ### 1. Key Features and Specifications The device combines the high speed of bipolar logic with the low power consumption of CMOS technology. | Feature | Specification | | :--- | :--- | | **Logic Type** | D-Type Transparent Latch | | **Number of Channels** | 8-Bit (Octal) | | **Technology** | BiCMOS (ABT) | | **Voltage Supply Range** | 4.5V to 5.5V | | **Output Current** | 32mA (Source) / 64mA (Sink) | | **Propagation Delay** | ~3.3ns to 4.5ns (typical) | | **Output Type** | 3-State (High Impedance) | | **Package Type** | SSOP (Shrink Small Outline Package) | --- ### 2. Functional Pin Description The 74ABT373 consists of eight D-type latches with shared control logic. * **D0 – D7 (Data Inputs):** The inputs for the 8 bits of data. * **Q0 – Q7 (Data Outputs):** The 3-state outputs that mirror the latched data. * **LE (Latch Enable):** When LE is **High**, the latch is "transparent" (outputs follow inputs). When LE is **Low**, the data is stored (latched). * **OE (Output Enable):** When OE is **Low**, the outputs are active. When OE is **High**, the outputs are in a high-impedance state (disconnected). --- ### 3. Logic Table (Truth Table) This table explains how the chip behaves based on the input signals. | OE | LE | D | Q (Output) | Mode | | :---: | :---: | :---: | :---: | :--- | | L | H | H | H | Transparent (High) | | L | H | L | L | Transparent (Low) | | L | L | X | Q0 | Latched (Stable) | | H | X | X | Z | High Impedance | * *L = Low, H = High, X = Don't Care, Z = High Impedance, Q0 = Previous State* --- ### 4. Applications The 74ABT373 is commonly used in digital systems for: * **Address Latching:** Holding memory addresses in microprocessors. * **Bus Buffering:** Managing data flow between different parts of a computer bus to prevent data collisions. * **I/O Port Expansion:** Adding more output pins to a microcontroller. * **Temporary Data Storage:** Storing data briefly during high-speed transitions. --- ### 5. Part Number Breakdown * **74:** Commercial temperature range. * **ABT:** Advanced BiCMOS Technology (High speed, high drive). * **373:** Function code for "Octal Transparent Latch". * **CPCX:** Package and Taping code (C = SSOP package, P = Lead-free, CX = Tape and Reel).
    ✨ Follow-up Questions
    • ⤷ What is the difference between a transparent latch like the 74ABT373 and a flip-flop like the 74ABT374?
    • ⤷ Can this IC be used in a 3.3V logic system even though it is rated for 5V?
    • ⤷ What are the advantages of BiCMOS technology over standard CMOS in bus applications?