Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 74ABT373CSCX

  • AI
    ## Technical Overview of the 74ABT373CSCX The **74ABT373CSCX** is a high-performance, low-power integrated circuit belonging to the **ABT (Advanced BiCMOS Technology)** family. It is an octal transparent D-type latch with 3-state outputs, commonly used in bus-oriented applications. --- ### 1. Key Technical Specifications | Feature | Specification | |:---|:---| | **Logic Family** | ABT (Advanced BiCMOS) | | **Function** | Octal Transparent D-Type Latch | | **Package Type** | SOIC (Small Outline Integrated Circuit) | | **Pins** | 20-Pin | | **Voltage Supply Range** | 4.5V to 5.5V | | **Output Current** | 32mA (Source) / 64mA (Sink) | | **Propagation Delay** | ~3.3 ns to 4.5 ns (Typical) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Core Functional Components The device consists of eight independent latches with a common **Latch Enable (LE)** and **Output Enable (OE)**. #### A. The Transparent Latch When the Latch Enable (LE) input is **HIGH**, the **Q** outputs follow the **D** (Data) inputs. This is known as "transparent" mode. When LE transitions to **LOW**, the data present at the D inputs at that time is latched (stored) and the Q outputs remain stable regardless of further changes at the inputs. #### B. 3-State Outputs The device features a high-impedance (Hi-Z) state controlled by the Output Enable (**OE**) pin: - **OE LOW:** The latched data is presented to the output bus. - **OE HIGH:** The outputs are placed in a high-impedance state, effectively disconnecting them from the bus. --- ### 3. Logic Table | OE | LE | D | Output (Q) | Mode | |:---:|:---:|:---:|:---:|:---| | L | H | H | H | Transparent (High) | | L | H | L | L | Transparent (Low) | | L | L | X | $Q_0$ | Latched (No Change) | | H | X | X | Z | High Impedance | *Note: L = Low, H = High, X = Don't Care, Z = High Impedance, $Q_0$ = Previous State* --- ### 4. Hardware Characteristics - **BiCMOS Technology:** Combines the high speed of Bipolar transistors with the low power consumption of CMOS. - **High Drive Capability:** The 64mA sink current makes it ideal for driving heavily loaded backplanes or memory buses. - **Power-Up High Impedance:** The outputs are designed to be in a high-impedance state during power-up and power-down, preventing bus contention. --- ### 5. Common Applications 1. **Memory Buffering:** Storing addresses or data temporarily between a CPU and RAM. 2. **I/O Ports:** Acting as an interface between a microcontroller and external peripherals. 3. **Bus Interfacing:** Managing data flow in multi-device 8-bit bus systems.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ABT and HC logic families?
    • ⤷ Can the 74ABT373 operate at 3.3V logic levels?
    • ⤷ How does the 'transparent' mode differ from an edge-triggered flip-flop?