Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 74ACT715S-RSC

  • AI
    The **74ACT715S-RSC** is a high-performance CMOS Integrated Circuit (IC) designed primarily as a **Programmable Video Sync Generator**. It is engineered to generate the timing signals necessary to drive monitors and video interfaces, such as Horizontal Sync (HSYNC), Vertical Sync (VSYNC), and Composite Sync. --- ### ## Technical Specifications The "74ACT" prefix indicates that it belongs to the Advanced CMOS family with TTL-compatible inputs, providing high speed and low power consumption. | Parameter | Specification | | :--- | :--- | | **Logic Family** | ACT (Advanced CMOS, TTL-compatible) | | **Function** | Programmable Video Sync Generator | | **Operating Voltage (Vcc)** | 4.5V to 5.5V | | **Maximum Frequency** | Up to 130 MHz | | **Package Type** | SSOP-20 (Shrink Small Outline Package) | | **I/O Pins** | 20 Pins | | **Temperature Range** | -40°C to +85°C | --- ### ## Internal Architecture & Components The 74ACT715S consists of several internal functional blocks that work together to synthesize video timing: 1. **Horizontal Counter:** Tracks the number of clock cycles per horizontal line. 2. **Vertical Counter:** Tracks the number of horizontal lines per frame. 3. **Comparator Logic:** Compares counter values against user-programmed registers to trigger pulses at specific intervals. 4. **Static RAM/Registers:** Stores the timing parameters (Front Porch, Back Porch, Sync Width) programmed by the microprocessor. 5. **Output Drivers:** High-speed CMOS outputs capable of driving the capacitive loads of video cables. --- ### ## Pin Functionality The 20-pin SSOP layout generally follows this functional grouping: * **Clock Input (CLK):** The master frequency input that determines the resolution and refresh rate. * **Data Bus (D0-D7):** Used to program the internal registers with specific timing values. * **Load/Latch Pins:** Controls when the data on the bus is written into the internal counters. * **Sync Outputs:** * **HSYNC:** Horizontal Synchronization. * **VSYNC:** Vertical Synchronization. * **COMP SYNC:** Combined horizontal and vertical signals. * **BLANK:** Disables the video signal during retrace periods. --- ### ## Key Features & Advantages * **Versatility:** It can be programmed for various video standards (VGA, SVGA, XGA) or custom resolutions. * **High Speed:** Supports high-resolution displays due to its 130MHz+ clock capability. * **Glitch-Free Operation:** Internal synchronization prevents artifacts in the video signal during parameter changes. * **Low Power:** Being a CMOS device, it draws significantly less current than older bipolar logic chips. --- ### ## Common Applications * **Computer Monitors:** Generating timing for CRT or early LCD interfaces. * **Video Test Equipment:** Creating reference sync signals for testing cameras or displays. * **Embedded Systems:** Providing video output for industrial controllers or medical imaging displays. * **Legacy Video Conversion:** Adapting modern signals to older broadcast standards.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 74ACT715 and the 74ACT715-R variant?
    • ⤷ How do you program the horizontal and vertical timing registers in this IC?
    • ⤷ What are the typical power consumption levels at maximum frequency?