Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 74HC393D-Q100

  • AI
    ## Overview of the 74HC393D-Q100 The **74HC393D-Q100** is a high-speed Si-gate CMOS device. It consists of two independent 4-bit binary counters (dual ripple counters), each with its own Clock ($\overline{CP}$) and Master Reset ($MR$) inputs. The "-Q100" suffix indicates that this specific part is **Automotive Qualified**, meaning it has undergone rigorous testing to meet the AEC-Q100 standard. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Logic Type** | Dual 4-Bit Binary Ripple Counter | | **Supply Voltage ($V_{CC}$)** | 2.0V to 6.0V | | **Package** | SO14 (Plastic Small Outline, 14 leads) | | **Operating Temperature** | -40°C to +125°C | | **Output Current** | 5.2 mA (at 5.0V) | | **Propagation Delay** | ~15 ns at 5.0V | | **Automotive Grade** | AEC-Q100 Qualified | --- ### 2. Internal Pin Configuration The device is divided into two identical halves (Counter 1 and Counter 2). | Pin Number | Symbol | Description | | :--- | :--- | :--- | | 1, 13 | $1\overline{CP}, 2\overline{CP}$ | Clock Inputs (High-to-Low edge triggered) | | 2, 12 | $1MR, 2MR$ | Master Reset (Active High) | | 3 to 6 | $1Q_0$ to $1Q_3$ | Counter 1 Outputs | | 8 to 11 | $2Q_0$ to $2Q_3$ | Counter 2 Outputs | | 7 | $GND$ | Ground (0V) | | 14 | $V_{CC}$ | Supply Voltage | --- ### 3. Functional Logic Behavior #### Counting Mechanism The 74HC393 is a **Ripple Counter**. This means the clock pulse only triggers the first flip-flop ($Q_0$). The output of $Q_0$ then acts as the clock for $Q_1$, and so on. * **Clocking:** The counter advances on the **HIGH-to-LOW** transition (negative edge) of the $\overline{CP}$ input. * **Capacity:** Each 4-bit section can count from 0 to 15 ($2^4 - 1$). By cascading the two sections, you can create an 8-bit counter (counting up to 255). #### Reset Function The Master Reset ($MR$) is asynchronous and active-HIGH. * When $MR$ is **HIGH**, all outputs ($Q_0$ to $Q_3$) are immediately forced **LOW**, regardless of the clock state. --- ### 4. Implementation Example Here is a simple logic representation of how one might interface with a single 4-bit stage: ```c /* Logic Pseudo-code for a Counter Interface */ if (MasterReset == HIGH) { Outputs = 0b0000; // Reset all stages } else if (FallingEdge(ClockInput)) { CounterValue++; // Increment binary count } ``` --- ### 5. Common Applications * **Frequency Division:** Dividing a high-frequency clock down to lower frequencies. * **Time Delay Generation:** Creating specific intervals in digital circuits. * **Automotive Control Units:** Due to its AEC-Q100 rating, it is used in body control modules and instrument clusters. * **State Machines:** Basic sequencing in digital logic designs.
    ✨ Follow-up Questions
    • ⤷How do I cascade the two 4-bit counters to create an 8-bit counter?
    • ⤷ What is the difference between the 74HC393 and the 74HCT393?
    • ⤷ Why is AEC-Q100 qualification important for automotive electronics?