Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 74HC4053_

  • AI
    ## Technical Overview of the 74HC4053 The **74HC4053** is a high-speed CMOS device featuring **triple 2-channel analog multiplexers/demultiplexers**. It is part of the 7400 series logic family and is designed to switch both digital and analog signals. --- ### 1. Key Features and Specifications | Parameter | Specification | | :--- | :--- | | **Logic Family** | 74HC (High-speed CMOS) | | **Configuration** | Triple 2-Channel (SPDT) | | **Voltage Supply ($V_{CC}$)** | 2.0V to 10.0V | | **Analog Voltage Range** | $V_{EE}$ to $V_{CC}$ | | **On-Resistance ($R_{ON}$)** | ~80 $\Omega$ (at $V_{CC}$ = 4.5V) | | **Switching Speed** | ~15ns to 30ns | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Pinout Configuration The 74HC4053 typically comes in a 16-pin package (DIP, SOIC, TSSOP). | Pin No. | Name | Description | | :--- | :--- | :--- | | 1, 2, 3, 5, 12, 13 | **Y0, Y1** | Independent Analog Inputs/Outputs (Pairs for 3 channels) | | 4, 14, 15 | **Z** | Common Analog Outputs/Inputs (1 per channel) | | 6 | **$\bar{E}$** | Enable Input (Active LOW) | | 7 | **$V_{EE}$** | Negative Supply Voltage (allows for bipolar signals) | | 8 | **GND** | Ground (0V) | | 9, 10, 11 | **S0, S1, S2** | Select Inputs (Controls which Y pin connects to Z) | | 16 | **$V_{CC}$** | Positive Supply Voltage | --- ### 3. Functional Operation The device acts like three independent Single-Pole Double-Throw (SPDT) switches. Each channel has a **Common (Z)** pin and two **Selectable (Y0, Y1)** pins. #### Truth Table (for one channel) | Enable ($\bar{E}$) | Select (S) | Connection | | :---: | :---: | :--- | | L | L | Z connects to Y0 | | L | H | Z connects to Y1 | | H | X | All switches Open (High Impedance) | --- ### 4. Typical Applications * **Audio/Video Switching:** Routing signals between different sources and outputs. * **Analog-to-Digital Conversion:** Multiplexing multiple sensors into a single ADC pin of a microcontroller. * **Signal Gating:** Using the Enable pin to cut off signals in a circuit. * **Programmable Gain Amplifiers:** Switching resistors in an Op-Amp feedback loop to change gain dynamically. --- ### 5. Implementation Example (Arduino/MCU) ```cpp // Example: Switching Channel A between Y0 and Y1 const int selectPin = 9; // Connected to S0 const int enablePin = 8; // Connected to E void setup() { pinMode(selectPin, OUTPUT); pinMode(enablePin, OUTPUT); digitalWrite(enablePin, LOW); // Enable the chip } void loop() { digitalWrite(selectPin, LOW); // Z0 connects to Y0 delay(1000); digitalWrite(selectPin, HIGH); // Z0 connects to Y1 delay(1000); } ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the 74HC4051
    • ⤷ 74HC4052
    • ⤷ and 74HC4053?
    • ⤷ How do I handle the VEE pin if I only have a single-rail power supply?
    • ⤷ What is the maximum frequency of analog signals that the 74HC4053 can handle?