Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 74VCX162244MTD..

  • AI
    ## Overview of 74VCX162244MTD The **74VCX162244MTD** is a low-voltage, high-performance CMOS 16-bit buffer/line driver. It is specifically designed for high-speed, low-power applications, often acting as an interface between different voltage levels or as a driver for memory address buses. --- ### Key Specifications | Parameter | Specification | | :--- | :--- | | **Logic Type** | Buffer / Line Driver, Non-Inverting | | **Number of Bits** | 16-Bit (organized as 4 groups of 4) | | **Supply Voltage (Vcc)** | 1.2V to 3.6V | | **Output Current** | ±12mA (at 3.0V Vcc) | | **Propagation Delay** | ~2.5ns (at 3.3V) | | **Package Type** | TSSOP-48 (Thin Shrink Small Outline Package) | | **Operating Temp** | -40°C to +85°C | --- ### Technical Features 1. **Series Resistors at Outputs:** The "2244" in the part number indicates the presence of **internal series resistors** (typically 26Ω) on the outputs. This helps to reduce line noise and ringing caused by signal reflections without needing external resistors. 2. **3-State Outputs:** It features high-impedance (High-Z) states, controlled by the Output Enable ($\overline{OE}$) pins. This allows multiple devices to share the same bus lines. 3. **Power-Down High Impedance:** The device supports $I_{off}$, meaning the outputs are in a high-impedance state when the device is powered down ($V_{cc} = 0V$), protecting the rest of the circuit. 4. **Voltage Translation:** It is compatible with different logic levels, making it ideal for mixed 1.8V, 2.5V, and 3.3V systems. --- ### Pin Configuration Breakdown The 48-pin TSSOP package is organized into four 4-bit sections. Each section has its own Output Enable ($\overline{OE}$) control: * **1$\overline{OE}$**: Controls pins 1Y0–1Y3. * **2$\overline{OE}$**: Controls pins 2Y0–2Y3. * **3$\overline{OE}$**: Controls pins 3Y0–3Y3. * **4$\overline{OE}$**: Controls pins 4Y0–4Y3. --- ### Typical Application Circuit When connecting this buffer to a microcontroller and a memory module: ```c // Logic Flow Example [MCU Data Bus (1.8V)] ---> [74VCX162244 Inputs] [74VCX162244 Outputs] ---> [SDRAM / Peripheral (3.3V)] [OE Control Signal] ---> [Active Low to Enable Output] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 74VCX162244 and the standard 74VCX16244?
    • ⤷ How do the internal series resistors affect signal integrity in high-speed designs?
    • ⤷ Can this IC be used for bidirectional data communication?