Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 7775-R

  • AI
    The **7775-R** refers to a high-performance, single-output DC-DC power converter module, often associated with the **Pico Electronics** series. These components are designed for high-reliability applications, such as aerospace, military, and industrial systems where space is limited and power density is critical. --- ### 1. Key Technical Specifications The "R" suffix typically denotes a specific revision or environmental rating (often related to RoHS compliance or specific isolation ratings). Below are the general specifications for this class of electronic part: | Feature | Description | | :--- | :--- | | **Input Voltage Range** | Typically 5V, 12V, 24V, or 48V DC (model dependent) | | **Output Voltage** | Regulated high-voltage or standard logic levels | | **Power Rating** | Up to 1.25 Watts to 2 Watts | | **Isolation** | 100 Megohms @ 500V DC | | **Operating Temp** | -25°C to +70°C (Standard) / -55°C to +85°C (Military) | | **Package Style** | Encapsulated, low profile for PC board mounting | --- ### 2. Internal Electronic Components The 7775-R is an integrated module containing several discrete electronic stages: 1. **Switching Regulator IC:** Acts as the brain of the module, controlling the duty cycle to maintain a steady output regardless of input fluctuations. 2. **Transformer (Magnetic Core):** Provides galvanic isolation between the input and output circuits, protecting sensitive downstream components. 3. **Rectification Diodes:** Converts the high-frequency AC generated by the transformer back into DC. 4. **Filter Capacitors:** High-grade ceramic or tantalum capacitors used to minimize output ripple and noise. 5. **Encapsulation (Potting):** The internal parts are housed in a thermally conductive epoxy to protect against vibration, moisture, and thermal shock. --- ### 3. Pinout and Connection Logic The 7775-R series generally follows a standard pin configuration for PCB integration: ```text [ TOP VIEW ] _________________ | 1 2 3 4 | | | 1: + Input | | 2: - Input | | 3: + Output | 8 7 6 5 | 4: - Output _________________ (Note: Pin numbering varies by specific manufacturer footprint) ``` --- ### 4. Common Applications Due to its robust design and small footprint, the 7775-R is used in: * **Avionics:** Powering sensors and flight control instruments. * **Test Equipment:** Providing isolated power to measurement probes. * **Medical Devices:** Ensuring patient safety through high-isolation barriers. * **Industrial Controls:** Distributing power in environments with high electromagnetic interference (EMI).
    ✨ Follow-up Questions
    • ⤷ What are the specific input and output voltage ratings for the 7775-R variant?
    • ⤷ How does the 'R' suffix affect the thermal management requirements of this part?
    • ⤷ Is the 7775-R pin-compatible with other DC-DC converters in its class?