Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 77781-R1

  • AI
    The part number **77781-R1** typically refers to a specialized radio frequency (RF) component, specifically a **Power Amplifier Module** (often associated with Skyworks Solutions) or a specific automotive/industrial connector/harness component depending on the manufacturer. In the context of modern electronics (specifically mobile and RF hardware), here is a breakdown of the parts and specifications associated with this series: --- ### 1. Technical Overview This component is generally part of the **Front-End Module (FEM)** architecture used in wireless communication. It is designed to amplify low-power RF signals to a level sufficient for transmission through an antenna. | Feature | Description | | :--- | :--- | | **Component Type** | RF Power Amplifier (PA) / Front-End Module | | **Technology** | InGaP HBT (Indium Gallium Phosphide Heterojunction Bipolar Transistor) | | **Frequency Bands** | Multiband support (often covering LTE/WCDMA/4G bands) | | **Package Type** | Surface Mount Device (SMD) / Land Grid Array (LGA) | | **Application** | Smartphones, Tablets, and IoT Gateways | --- ### 2. Key Internal Electronic Parts An integrated module like the 77781-R1 consists of several sub-components miniaturized into a single package: * **Power Amplifier (PA) Dies:** The core "engine" of the chip that increases signal strength. * **Matching Networks:** Internal capacitors and inductors that ensure impedance matching (usually 50 Ohms) to prevent signal reflection. * **Bias Controller:** Regulates the voltage and current to the transistors to maintain efficiency and prevent overheating. * **Duplexer/Switch Interface:** Manages the path between the transmitter and the receiver so they can share a single antenna. --- ### 3. Pinout and Integration While specific pinouts are proprietary to the manufacturer's datasheet, these modules typically feature: 1. **VCC/VBATT:** Power supply pins. 2. **RFIN/RFOUT:** Radio frequency input and output paths. 3. **VCTRL / MIPI Interface:** Logic pins used by the phone's processor to tell the chip which frequency band or power mode to use. 4. **GND:** Thermal and electrical grounding pads located at the center of the chip. --- ### 4. Common Troubleshooting If this part is being researched for repair (e.g., in a mobile device), common failure symptoms include: * **No Service / Searching:** The device cannot broadcast a signal to the cell tower. * **High Battery Drain:** A short circuit within the PA module often causes the device to heat up near the RF section. * **Weak Signal:** The amplifier is partially functional but cannot reach "High Power" modes.
    ✨ Follow-up Questions
    • ⤷ Which manufacturer produces the 77781-R1 module?
    • ⤷ What are the specific frequency bands supported by this part?
    • ⤷ How is the 77781-R1 soldered onto a PCB during repair?