Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 78L18ML-S08-R

  • AI
    The **78L18ML-S08-R** is a specific part number for a linear voltage regulator. It belongs to the 78Lxx series, which is designed for low-power applications requiring a stable voltage output. --- ### 1. General Specifications The part number can be broken down to understand its core characteristics: | Parameter | Specification | | :--- | :--- | | **Output Voltage** | +18V (Fixed) | | **Output Current** | 100mA (Maximum) | | **Input Voltage (Max)** | 35V DC | | **Package Type** | SOP-8 (Surface Mount) | | **Polarity** | Positive Regulator | --- ### 2. Part Number Breakdown The nomenclature follows industry standards, often associated with manufacturers like **UTC (Unisonic Technologies)**: * **78L**: The series prefix for positive voltage regulators (L denotes low current, 100mA). * **18**: Indicates the fixed output voltage of **18 Volts**. * **ML**: Often refers to internal specificities or low-noise/enhanced thermal characteristics. * **S08**: Indicates the **SOP-8** (Small Outline Package) 8-pin package. * **R**: Typically stands for **Tape & Reel** packaging for automated assembly. --- ### 3. Pin Configuration (SOP-8) Unlike the standard 3-pin TO-92 package, the SOP-8 version uses multiple pins for heat dissipation and standard connectivity: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | Vout | Regulated Output Voltage (+18V) | | **2, 3, 6, 7** | GND | Ground / Heat Sink Pins | | **4** | NC | No Connection | | **5** | NC | No Connection | | **8** | Vin | Unregulated Input Voltage | --- ### 4. Key Features & Applications * **Internal Protection**: Includes internal thermal overload protection and short-circuit current limiting. * **Stability**: Requires minimal external components (usually just an input and output capacitor to prevent oscillation). * **Common Uses**: * Local on-card regulation. * Power supplies for Op-Amps (where +18V rails are common). * Industrial control circuits. * Consumer electronics low-power stages. --- ### 5. Typical Application Circuit To use this part effectively, the following schematic setup is recommended: ```text Vin >-------[ C1: 0.33uF ]-------[ 78L18 ]-------[ C2: 0.1uF ]-------> Vout (+18V) | [GND] ``` * **C1 (Input Capacitor):** Required if the regulator is located far from the power supply filter. * **C2 (Output Capacitor):** Improves transient response and ensures stability.
    ✨ Follow-up Questions
    • ⤷ What is the minimum dropout voltage required for the 78L18 to maintain a stable 18V output?
    • ⤷ How does the SOP-8 package thermal resistance compare to the TO-92 version?
    • ⤷ Can this regulator be used to provide a negative 18V output?