Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 79L06ACD-R1

  • AI
    The **79L06ACD-R1** is a specialized electronic component primarily used for voltage regulation. Specifically, it belongs to the "79Lxx" series, which are **negative fixed-voltage regulators**. Below is a detailed breakdown of its specifications, pinout, and typical applications. --- ## 1. Core Specifications The 79L06 is designed to take a fluctuating negative input voltage and provide a stable, constant negative output. | Parameter | Specification | | :--- | :--- | | **Output Voltage** | -6.0V DC | | **Max Output Current** | 100mA | | **Max Input Voltage** | -30V to -35V | | **Package Type** | SOIC-8 (Surface Mount) | | **Polarity** | Negative | | **Operating Temperature** | 0°C to +125°C | --- ## 2. Key Features * **Internal Current Limiting:** Protects the device if the load draws too much power. * **Thermal Shutdown:** The device will turn itself off if it exceeds safe operating temperatures. * **Low Quiescent Current:** It consumes very little power internally, making it efficient for small circuits. * **Short Circuit Protection:** Safeguards the regulator and the rest of the PCB from accidental shorts. --- ## 3. Pin Configuration (SOIC-8) In the SOIC-8 package variant (indicated by the "D" in the part number), the pinout typically follows this structure: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | V-OUT | Regulated -6V output | | **2, 3, 6, 7** | GND | Ground connection | | **4** | NC | No internal connection | | **8** | V-IN | Unregulated negative input voltage | --- ## 4. Typical Application Circuit To ensure stability and reduce noise, capacitors are required at the input and output. ```c (Unregulated In) ---[ 0.33uF Cap ]--- ( Pin 8: V-IN ) | [ 79L06 Regulator ] | (Regulated -6V) ---[ 0.1uF Cap ]--- ( Pin 1: V-OUT ) ``` --- ## 5. Common Use Cases * **Dual Power Supplies:** Used alongside a 78L06 (positive regulator) to create a $\pm$6V rail for Operational Amplifiers (Op-Amps). * **Analog Circuits:** Providing clean, low-noise power to sensitive audio or sensor equipment. * **Communication Equipment:** Regulation for RS-232 or other communication protocols requiring negative bias.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 79L06 and the standard 7906 regulator?
    • ⤷ Can I use a 79L06 for a positive voltage application?
    • ⤷ How do I calculate the heat dissipation requirements for this SOIC-8 package?