Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 7J3-R

  • AI
    The **7J3-R** is a specific electronic component typically identified as a **High-Voltage Rectifier Diode**, often used in specialized industrial power supplies, medical equipment (like X-ray machines), or high-voltage testing apparatus. --- ### 1. Key Technical Specifications The following table outlines the general characteristics of a 7J3-R type rectifier: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Component Type** | Rectifier Diode | Converts AC to DC in high-voltage circuits. | | **Peak Inverse Voltage (PIV)** | 3,000V - 5,000V | The maximum voltage the diode can withstand in reverse. | | **Forward Current ($I_F$)** | 100mA - 500mA | The maximum continuous current allowed in forward bias. | | **Recovery Time ($t_{rr}$)** | Fast/Standard | Depends on the specific manufacturing prefix. | | **Mounting Type** | Through-hole / Axial | Usually a cylindrical body with wire leads. | --- ### 2. Functional Roles The 7J3-R performs several critical functions within an electronic assembly: 1. **Rectification**: It allows current to flow in only one direction, effectively turning alternating current (AC) into pulsating direct current (DC). 2. **Clamping/Protection**: Due to its high voltage rating, it can be used to protect sensitive components from high-voltage spikes or "flyback" in inductive loads. 3. **Voltage Multiplication**: It is frequently found in "Cockcroft-Walton" generator circuits used to step up low AC voltages to very high DC potentials. --- ### 3. Circuit Application Example Below is a conceptual representation of how a 7J3-R might be utilized in a half-wave rectifier circuit: ```cpp // Schematic Logic for High Voltage DC Supply [AC Source (HV Transformer)] | |-----> [7J3-R Diode (Anode)] | |-----> [7J3-R Diode (Cathode)] | |-----> [Filter Capacitor] | |-----> [DC Output] ``` --- ### 4. Handling and Safety Because the 7J3-R is designed for high-voltage environments, certain precautions are mandatory: * **Creepage Distance**: Ensure there is enough physical space between the diode leads to prevent "arcing" across the air or PCB surface. * **Heat Dissipation**: While current is low, high-voltage drops can generate heat; ensure proper airflow. * **Polarity**: Reversing the diode in a high-voltage circuit can lead to immediate component failure or explosive venting of surrounding capacitors.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the 7J3-R diode?
    • ⤷ How do I test a 7J3-R diode using a standard multimeter?
    • ⤷ What specific industrial machines commonly use the 7J3-R component?