Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 7K7K7R-R

  • AI
    It appears you are referring to a specific nomenclature for an electronic component, likely a **Thick Film Chip Resistor Network** or a specific **Resistor Array**. While part numbers can vary by manufacturer, "7K" often relates to a 7 kΩ resistance value, and the "R" suffix frequently denotes tolerance or packaging. Below is an explanation of the typical breakdown for such electronic parts. ### Component Overview: Resistor Network (Array) A part like the **7K7K7R-R** is generally a surface-mount device (SMD) that contains multiple resistors integrated into a single package. This saves space on a Printed Circuit Board (PCB). --- ### Technical Specification Table | Feature | Typical Specification | Description | | :--- | :--- | :--- | | **Component Type** | Thick Film Resistor Array | Multiple resistors in one SMD package. | | **Resistance Value** | 7 kΩ (7000 Ohms) | Indicated by the "7K" prefix. | | **Configuration** | Isolated or Concave | Resistors can share a common pin or be independent. | | **Tolerance** | ±1% or ±5% | Precision of the resistance value. | | **Package Style** | 0603 x 4 or 0402 x 4 | Usually a multi-pin package (e.g., 8 pins for 4 resistors). | | **Mounting Type** | SMT/SMD | Surface Mount Technology. | --- ### Part Number Breakdown (Generic Industry Standard) While naming conventions differ between brands (like Vishay, Panasonic, or Yageo), here is how to interpret the code: 1. **7K / 7K**: Represents the resistance value of the internal elements. In this case, **7 Kilohms**. 2. **7R**: Often used to denote the physical size or the number of elements (e.g., 8 terminals, 4 resistors). 3. **-R**: Usually signifies **RoHS Compliance** (Lead-free) or **Taping & Reeling** (packaging method for automated assembly). ### Key Applications * **Pull-up/Pull-down Resistors:** Used in digital circuits to ensure signals stay at a valid logic level. * **Termination:** Used in high-speed data lines to prevent signal reflection. * **Space Saving:** Replaces multiple individual resistors, reducing the "pick and place" time during manufacturing. --- ### Visual Representation of Circuit If it is a 4-resistor isolated array, the internal schematic looks like this: ```text Pin 1 --[ R1 ]-- Pin 8 Pin 2 --[ R2 ]-- Pin 7 Pin 3 --[ R3 ]-- Pin 6 Pin 4 --[ R4 ]-- Pin 5 ```
    ✨ Follow-up Questions
    • ⤷ Which manufacturer datasheet are you using for this part number?
    • ⤷ Do you need the footprint dimensions for PCB layout?
    • ⤷ Are you looking for an equivalent replacement part?