Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 7N65-R

  • AI
    The **7N65-R** is a specific model of a High Voltage N-Channel MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor). It is widely used in power switching applications due to its high voltage rating and relatively low "on-resistance." ### 1. Technical Specifications The "7N65" nomenclature typically indicates its primary ratings: **7 Amperes** and **650 Volts**. | Parameter | Value (Typical) | Description | | :--- | :--- | :--- | | **Drain-Source Voltage ($V_{DSS}$)** | 650V | The maximum voltage it can handle across the Drain and Source. | | **Continuous Drain Current ($I_D$)** | 7.0A | The maximum continuous current at $T_C = 25^\circ C$. | | **Pulsed Drain Current ($I_{DM}$)** | 28A | Maximum current for short pulses. | | **On-Resistance ($R_{DS(on)}$)** | ~1.2 $\Omega$ | Resistance when the gate is fully triggered. | | **Gate Threshold Voltage ($V_{GS(th)}$)** | 2.0V to 4.0V | The voltage required at the Gate to start conduction. | | **Package Type** | TO-220 / TO-220F | Standard through-hole packages for heat dissipation. | --- ### 2. Key Features * **High Speed Switching:** Capable of transitioning between ON and OFF states very quickly, which is essential for efficiency in power supplies. * **Low Gate Charge ($Q_g$):** Requires minimal energy to drive the gate, allowing for simpler driver circuits. * **Avalanche Ruggedness:** Designed to withstand unexpected voltage spikes (clamping) without immediate failure. * **Lead-Free (RoHS):** The "-R" suffix often denotes "RoHS compliant" or "Reel" packaging depending on the specific manufacturer (like UTC or Fairchild). --- ### 3. Pin Configuration The 7N65-R usually follows the standard TO-220 pinout: 1. **Gate (G):** Controls the switching of the MOSFET. 2. **Drain (D):** Connected to the high-voltage load. 3. **Source (S):** Connected to the return path or ground. --- ### 4. Common Applications Due to its 650V rating, this part is ideal for circuits that interface directly with rectified AC mains (110V/220V): * **Switch Mode Power Supplies (SMPS):** Used as the main switching element in AC-to-DC converters. * **LED Drivers:** Providing power regulation for high-brightness LED arrays. * **DC-DC Converters:** Boosting or bucking voltages in industrial equipment. * **Uninterruptible Power Supplies (UPS):** Managing battery-to-AC conversion. --- ### 5. Circuit Symbol ```text Drain (D) | --+-- | | | G --| | | (Body Diode) | | / \ --+-- | | | Source (S) ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent MOSFETs that can replace a 7N65-R?
    • ⤷ How do I test if a 7N65-R is faulty using a multimeter?
    • ⤷ Why is the TO-220F (Full Pack) version often preferred over the standard TO-220?