Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 7P1-R

  • AI
    The **7P1-R** typically refers to a specific series of **Gas Discharge Tube (GDT) Surge Arresters**, often manufactured by companies like Littelfuse or specialized electronic component vendors. These are passive components used to protect sensitive electronic equipment from voltage transients (surges). --- ### 1. General Specifications The "7P" prefix usually denotes the physical size (7mm diameter), while the "R" indicates a specific lead configuration or RoHS compliance. | Feature | Description | | :--- | :--- | | **Component Type** | Gas Discharge Tube (GDT) | | **Diameter** | Approximately 7.0 mm - 8.0 mm | | **Electrode Count** | 2-Electrode (typically) | | **Mounting Type** | Through-hole (Axial or Radial leads) | | **Standard Compliance** | ITU-T K.12, IEEE C62.31 | --- ### 2. How it Works A GDT functions as a voltage-dependent switch. It consists of two electrodes separated by a ceramic tube filled with an inert noble gas. 1. **High Impedance State:** Under normal operating voltages, the gas acts as an insulator, and the device has almost zero leakage current. 2. **Ionization:** When a high-voltage surge (like a lightning strike or power spike) occurs, the gas ionizes and becomes a conductor. 3. **Arcing/Crowbar Effect:** The tube "fires," creating a low-resistance path that shunts the excess current to the ground, protecting downstream components. 4. **Extinguishing:** Once the voltage drops back to normal levels, the gas de-ionizes, and the tube returns to its high-impedance state. --- ### 3. Technical Parameters When selecting a 7P1-R variant, engineers look at these key values: * **DC Spark-over Voltage:** The voltage at which the tube begins to conduct (e.g., 90V, 230V, 350V, 600V). * **Impulse Discharge Current:** The maximum surge current the device can handle (usually measured in kA, e.g., 5kA or 10kA). * **Capacitance:** Extremely low (often <1pF), making them ideal for high-speed data line protection without distorting signals. * **Insulation Resistance:** Typically >10 GΩ. --- ### 4. Common Applications Due to their high current handling and low capacitance, 7P1-R components are found in: * **Telecommunications:** Protection for ADSL, VDSL, and phone lines. * **Power Supplies:** Surge protection for AC/DC input stages. * **Industrial:** Protection for RS-485, RS-232, and Ethernet interfaces. * **Consumer Electronics:** Set-top boxes and modem protection. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific DC Spark-over voltage for the 7P1-R variant you are using?
    • ⤷ How does a GDT compare to a MOV (Metal Oxide Varistor) in surge protection?
    • ⤷ Are you looking for a datasheet for a specific manufacturer like Littelfuse or Bourns?