Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 8134-AF5-D-R

  • AI
    The **8134-AF5-D-R** is a specific part number typically associated with an Integrated Circuit (IC), most commonly identifying a **Voltage Detector** or **Microprocessor Reset Circuit** manufactured by UTC (Unisonic Technologies Co., Ltd). --- ## 1. Component Overview This component is designed to monitor power supply rails. When the voltage drops below a pre-defined threshold, the device triggers a reset signal to a microcontroller or microprocessor to prevent erratic behavior or data corruption. ### Technical Specifications | Feature | Description | | :--- | :--- | | **Part Series** | 8134 Series | | **Detection Voltage** | 3.4V (indicated by '34') | | **Output Type** | Open Drain (usually 'N-channel') | | **Package Type** | SOT-25 / SOT-23-5 (indicated by 'AF5') | | **Accuracy** | ±2% | | **Low Current Consumption** | Typically < 1.0 µA | --- ## 2. Part Number Breakdown The suffix and prefix characters provide specific information about the physical and electrical characteristics: | Code | Meaning | | :--- | :--- | | **81** | Series code for Voltage Detectors | | **34** | Voltage Threshold (3.4 Volts) | | **AF5** | Package Type (SOT-25) | | **D** | Output functionality (Often represents "Delay" or specific logic) | | **R** | Tape and Reel packaging (standard for automated assembly) | --- ## 3. Typical Pin Configuration (SOT-25) In a standard SOT-25 package for this series, the pins are usually assigned as follows: 1. **Vout**: Reset Output (active low or high depending on model) 2. **Vdd**: Power Supply/Input Voltage 3. **Vss**: Ground (GND) 4. **NC/CD**: No Connection or External Delay Capacitor 5. **NC**: No Connection --- ## 4. Common Applications * **Microprocessor Reset:** Providing a stable reset signal during power-up or power-down. * **Battery Life Monitoring:** Detecting when a battery reaches a critical low-voltage state. * **Level Discriminator:** Sensing specific voltage levels to trigger peripheral components. * **Memory Backup Switching:** Ensuring data integrity before power fails. --- ## 5. Equivalent/Alternative Parts If you are unable to find the UTC 8134-AF5-D-R, you may look for functional equivalents such as: * **XC61C Series** (Torex Semiconductor) * **HT70xx Series** (Holtek) * **MAX809** (Various manufacturers - check pinout carefully as it may differ)
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage rating for the 8134 series?
    • ⤷ How does the 'Open Drain' output affect the circuit design?
    • ⤷ Is there a lead-free or halogen-free version of this part?