Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 8152S

  • AI
    The **8152S** typically refers to a high-performance **8-channel, 24-bit Analog-to-Digital Converter (ADC)**, commonly manufactured by companies like **Avia Semiconductor** (HX8152S) or utilized in specific industrial weight-sensing and measurement applications. Below is a breakdown of its core electronic characteristics, pin functions, and typical application scenarios. --- ## 1. Core Technical Specifications The 8152S is designed for high-precision measurement where low noise and high resolution are critical. | Feature | Specification | | :--- | :--- | | **Resolution** | 24-Bit Sigma-Delta ($\Sigma\Delta$) | | **Channels** | 8 Differential Channels | | **Interface** | Serial (SPI Compatible) | | **Input Range** | Programmable (PGA included) | | **Sampling Rate** | Adjustable (typically 10Hz to 1280Hz) | | **Operating Voltage** | 2.7V to 5.5V | --- ## 2. Key Internal Components ### A. Programmable Gain Amplifier (PGA) The chip includes a low-noise PGA. This allows the electronic system to amplify very small signals (like those from a load cell) before they are converted to digital data, maintaining a high signal-to-noise ratio. ### B. Sigma-Delta Modulator This is the heart of the ADC. It oversamples the input signal to achieve high resolution. It is particularly effective at filtering out 50Hz/60Hz line noise, which is vital for stable industrial readings. ### C. Digital Filter The internal digital filter handles the "decimation" process, converting the high-speed bitstream from the modulator into a high-resolution 24-bit word. --- ## 3. Pin Configuration (Common 24-Pin Package) While the exact footprint can vary by manufacturer, a typical 8152S series layout includes: | Pin Type | Name | Description | | :--- | :--- | :--- | | **Power** | VDD / AGND | Analog Power and Ground | | **Analog Input** | AIN1+ to AIN8- | Differential input pins for sensors | | **Reference** | VREF+ / VREF- | External reference voltage input | | **Digital I/O** | SCLK, DIN, DOUT | SPI communication lines for the MCU | | **Clock** | XTAL / CLK | External crystal or clock input | --- ## 4. Typical Application Circuit In a standard electronic design, the 8152S acts as the bridge between the physical world and a Microcontroller (MCU). ```mermaid graph LR Sensors[Load Cells/Thermocouples] --> ADC[8152S ADC] ADC --> MCU[STM32 / Arduino / ESP32] MCU --> Display[LCD/HMI] ``` ### Common Use Cases: 1. **Industrial Weighing:** Multi-channel scales where multiple load cells must be read simultaneously. 2. **Temperature Controllers:** Using RTDs or Thermocouples where high precision is required. 3. **Pressure Sensors:** Monitoring multiple hydraulic lines in industrial machinery. --- ## 5. Integration Challenges * **Noise Sensitivity:** Because it is 24-bit, even minor electromagnetic interference (EMI) can cause "flicker" in the last few digits. Proper PCB shielding and decoupling capacitors are required. * **Reference Stability:** The accuracy of the digital output is directly tied to the stability of the Reference Voltage ($V_{ref}$). High-precision voltage regulator ICs are usually paired with the 8152S.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 8152S and the standard HX711 chip?
    • ⤷ How do you calibrate an 8152S for a multi-channel weighing system?
    • ⤷ What are the recommended decoupling capacitor values for the 8152S power pins?