Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 81N11-R-AB3-I-R

  • AI
    The **81N11-R-AB3-I-R** is a specific part number for a **Voltage Detector IC** (Integrated Circuit), typically manufactured by UTC (Unisonic Technologies Co., Ltd). These devices are commonly used for power supply monitoring and reset signal generation. --- ## 1. Technical Specifications The alphanumeric code provides specific details about the device's electrical characteristics and physical packaging. | Parameter | Specification | | :--- | :--- | | **Device Type** | Voltage Detector / Reset IC | | **Detection Voltage** | 1.1V (indicated by '11') | | **Tolerance** | ±2% | | **Output Type** | N-Channel Open Drain | | **Package Type** | SOT-89 (standard for AB3 suffix) | | **Operating Voltage Range** | 0.7V to 10V | | **Quiescent Current** | Very Low (typically 1.0µA to 3.0µA) | --- ## 2. Pin Configuration (SOT-89) In the AB3 (SOT-89) package, the pinout is generally standardized as follows: 1. **VOUT**: Output Pin (Reset signal). 2. **VDD**: Power Supply / Input Voltage sense pin. 3. **VSS**: Ground. --- ## 3. Key Functional Features ### Low Power Consumption Designed for battery-powered applications, this IC draws minimal current while monitoring the voltage line, extending battery life significantly. ### Open Drain Output The "N-channel Open Drain" output means that the IC requires an external **pull-up resistor** to function correctly. When the voltage drops below 1.1V, the output pulls to ground (Low). ### High Accuracy The laser-trimmed detection threshold ensures a stable 1.1V trigger point with low temperature drift. --- ## 4. Common Applications * **Microprocessor Reset**: Ensuring a CPU does not start until the power supply is stable. * **Battery Level Indicators**: Detecting a "Low Battery" state in portable electronics. * **System Failure Detection**: Acting as a supervisor to shut down components if the 1.1V rail fails. * **Memory Backup Circuitry**: Switching to backup power when primary power fails. ---
    ✨ Follow-up Questions
    • ⤷What is the purpose of the external pull-up resistor in an open-drain IC?
    • ⤷ Are there pin-compatible alternatives for the 81N11 in a SOT-23 package?
    • ⤷ How does the hysteresis function work in voltage detectors like the 81N11?