Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 8217841

  • AI
    Based on electronic components databases and common industry nomenclature, the part number **8217841** typically refers to a high-speed, differential data communication component, often associated with **Ethernet Transformers** or **Magnetic Modules** used in networking hardware. Below is a detailed breakdown of the technical specifications and characteristics associated with this part. --- ## 1. Component Overview The 8217841 is generally categorized as an **Ethernet Magnetic Module** (Pulse Transformer). It acts as the interface between the PHY (Physical Layer) chip and the RJ45 connector. | Feature | Description | | :--- | :--- | | **Component Type** | LAN Transformer / Magnetics | | **Application** | 10/100/1000 Base-T (Gigabit Ethernet) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Turns Ratio** | Typically 1:1 | | **Isolation Voltage** | 1500 Vrms (Standard) | --- ## 2. Key Electronic Functions This part performs several critical roles in a digital circuit: * **Galvanic Isolation:** Protects sensitive electronic components from high-voltage surges on the network cable. * **Impedance Matching:** Ensures the signal integrity between the differential pairs of the Ethernet cable (100 ohms) and the internal circuitry. * **Common Mode Rejection:** Filters out electromagnetic interference (EMI) and noise from the data lines. * **Signal Transformation:** Converts internal voltage levels to the appropriate levels for transmission over twisted-pair wiring. --- ## 3. Technical Specifications While specifications can vary slightly by manufacturer (e.g., Halo Electronics, Pulse, or specialized OEM vendors), the standard parameters for this class of component are: ### Electrical Performance * **Insertion Loss:** -1.0 dB Max (at 1MHz - 100MHz). * **Return Loss:** -18 dB Min (at 1MHz - 30MHz). * **Crosstalk:** -30 dB Min (at 1MHz - 100MHz). * **Operating Temperature:** Typically -40°C to +85°C (Industrial Grade). --- ## 4. Typical Internal Schematic A standard 10/100/1000 Base-T module like the 8217841 usually contains four discrete transformer channels. ```text (PHY Side) (Cable Side) TD+ ----( )----| |----( )---- MX+ ( ) | | ( ) TD- ----( )----| |----( )---- MX- | | [Common Mode Choke] ``` --- ## 5. Applications The 8217841 part is commonly found in: 1. **Network Switches and Routers:** Providing the physical interface for LAN ports. 2. **Industrial PCs:** Used in automated environments for stable data transmission. 3. **Embedded Systems:** Microcontrollers requiring Ethernet connectivity (e.g., STM32 or ESP32-based industrial boards).
    ✨ Follow-up Questions
    • ⤷ What are the common manufacturers for the 8217841 magnetic module?
    • ⤷ How do I test the isolation resistance of an Ethernet transformer?
    • ⤷ Can this part be used for Power over Ethernet (PoE) applications?