Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 832166317

  • AI
    Based on the part number **832166317**, this is a specific automotive component primarily associated with **BMW** vehicles. It is categorized under the vehicle's electrical and lighting systems. ### Component Overview The part is officially identified as a **Socket Housing** or **Connector**, typically used for lighting assemblies (such as side markers or interior lights) or sensor connections. | Feature | Specification | | :--- | :--- | | **Manufacturer** | BMW (Genuine OEM) | | **Part Category** | Electrical Connectors / Wiring Harness Components | | **Common Use Case** | Side Marker Lamps, Turn Signals, or License Plate Lights | | **Material** | High-temperature resistant plastic / polymer | | **Pins** | Generally a 2-pin or 3-pin configuration (depending on the specific series application) | --- ### Key Technical Aspects #### 1. Connection Type This part is a **Housing Connector**. It does not include the metal terminals (pins) or the wiring itself; it is the plastic shell that organizes the pins and ensures a secure, weather-resistant click-lock connection to the bulb socket or electronic control unit. #### 2. Compatibility While used across various models, it is most frequently found in: * **BMW 3 Series** (E46, E90 generations) * **BMW 5 Series** (E39, E60 generations) * **BMW X Series** (X3, X5) #### 3. Maintenance and Repair In automotive electronics, these parts often require replacement due to: * **Heat Brittle:** Constant proximity to high-output bulbs causes the plastic to become brittle and crack. * **Corrosion:** Moisture entry into the housing can corrode the internal metal pins, leading to "Bulb Out" warnings on the dashboard. * **Vibration:** Engine and road vibration can wear down the locking tabs. --- ### Component Identification Diagram (Generic) ```text [ Locking Tab ] _______|_______ / \ | [ O ] [ O ] | <-- Pin Slots |_________________| | [ Wire Entry Point ] ``` ---
    ✨ Follow-up Questions
    • ⤷What are the specific BMW models compatible with part 832166317?
    • ⤷ Does this part number include the metal terminal pins or just the plastic housing?
    • ⤷ Are there any aftermarket alternatives for this BMW connector?