Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 84-R

  • AI
    The **84-R** typically refers to a specific series of high-precision, low-profile **Planetary Gearbox units** (often from manufacturers like Harmonic Drive or Nidec-Shimpo) used in robotics and CNC applications. While the "84-R" itself describes the mechanical gear set, it is always integrated with specific electronic components to function. Below is an explanation of the electronic parts and systems required to drive an 84-R assembly. --- ## 1. Core Electronic Components To operate an 84-R unit in an automation environment, the following electronic infrastructure is required: | Component | Function | Key Specifications | | :--- | :--- | :--- | | **Servo Motor** | The primary mover attached to the 84-R input. | AC/DC Brushless, NEMA 23 or 34 frames. | | **Servo Drive/Amplifier** | Controls the power and logic sent to the motor. | Pulse/Direction, EtherCAT, or CANopen interfaces. | | **Encoder** | Provides positional feedback to the controller. | Incremental or Absolute (17-bit to 23-bit). | | **Brake Solenoid** | (Optional) Holds the 84-R in place during power loss. | 24V DC excitation. | --- ## 2. Feedback Systems (The Encoder) The 84-R is designed for high precision (low backlash). To utilize this, the electronics must include a high-resolution encoder. * **Absolute Encoders:** Preferred for 84-R units in robotics so the system remembers its position without a "homing" sequence after a power cycle. * **Wiring:** Typically uses shielded twisted-pair cables to prevent Electromagnetic Interference (EMI) from the motor power lines. --- ## 3. Integration with Motion Controllers The electronics must communicate with a PLC (Programmable Logic Controller) or a Motion Control Card. ### Communication Protocols 1. **EtherCAT:** The industry standard for high-speed synchronized motion. 2. **Analog (±10V):** Older systems using voltage levels to dictate speed/torque. 3. **Step/Direction:** Common in CNC applications where a pulse represents a specific angular increment. --- ## 4. Electrical Safety and Protection Because the 84-R is often used in high-torque scenarios, the electronic control cabinet must include: * **Regenerative Resistors:** To dissipate energy generated when the 84-R decelerates a heavy load. * **Limit Switches:** Sensors (Inductive or Optical) that prevent the 84-R from rotating beyond its mechanical bounds. * **EMI Filters:** To clean the power supply entering the servo drive. --- ### Summary Checklist for 84-R Electronics * [ ] **Power:** 200-240V AC (Standard for most drives). * [ ] **Control Logic:** 24V DC for I/O and safety circuits. * [ ] **Feedback:** High-resolution serial encoder cable. * [ ] **Protection:** Circuit breaker and emergency stop (E-Stop) integration.
    ✨ Follow-up Questions
    • ⤷ What is the maximum torque capacity for an 84-R series gearbox?
    • ⤷ Which servo motor brands are most compatible with the 84-R mounting flange?
    • ⤷ How do you calculate the electronic gear ratio for an 84-R unit?