Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 8502SDO2V05S

  • AI
    ## Analysis of the 8502SDO2V05S Magnetic Contactor The **8502SDO2V05S** is a specific model of NEMA-rated magnetic contactor manufactured by **Schneider Electric (Square D)**. These devices are used to toggle electrical power circuits, typically for high-current loads like motors, heating elements, and lighting systems. --- ### Technical Specifications Breakdown The part number encodes specific electrical characteristics. Here is the breakdown: | Feature | Specification | Description | | :--- | :--- | :--- | | **Product Type** | 8502 | NEMA Magnetic Contactor | | **Size** | SDO | NEMA Size 0 (18 Ampere rating) | | **Pole Configuration** | 2 | 2-Pole (Single Phase) | | **Voltage Code** | V05 | 480V AC @ 60Hz / 440V AC @ 50Hz Coil | | **Enclosure Type** | S | Open Type (No metal box/enclosure) | | **Form/Option** | S | Separate Control Circuit (typically) | --- ### Core Electronic & Mechanical Components The device operates using electromagnetic induction. Below are the primary internal parts: #### 1. The Magnetic Coil (V05) * **Function:** This is the "brain" of the contactor. When 480V is applied to the coil terminals, it creates a magnetic field. * **Rating:** V05 indicates the coil is designed for high-voltage industrial control circuits. #### 2. Power Contacts * **Material:** Usually silver-cadmium oxide or similar alloys to resist "welding" and arcing. * **Action:** The magnetic field pulls the movable contacts against the stationary contacts, completing the circuit to the load. #### 3. The Armature and Spring System * **Armature:** An iron core that moves when magnetized. * **Return Spring:** Ensures that as soon as power is removed from the coil, the contacts snap open instantly to prevent electrical arcing. #### 4. Arc Suppressors / Chutes * Since this is a NEMA-rated device, it contains robust arc-quenching features to safely dissipate the heat generated when the contacts open under load. --- ### Wiring Example (Conceptual) The following block represents a simplified logic for a control circuit using this contactor: ```python # Conceptual Logic for Contactor Operation If Control_Switch == CLOSED: Apply_480V_to_Coil(Terminals_A1_A2) Electromagnet = ACTIVE Main_Contacts = CLOSED # Power flows to Motor/Load else: Remove_Voltage_from_Coil() Electromagnet = INACTIVE Spring_Force = OPEN_CONTACTS # Power is Cut ``` --- ### Comparison: NEMA vs. IEC The **8502SDO2V05S** follows NEMA standards, which differ from the more common global IEC standards: * **Durability:** NEMA contactors (like the 8502) are generally larger and designed with a higher "reserve capacity" for harsh industrial environments. * **Serviceability:** Parts like the coil and contacts are easily replaceable, whereas many IEC contactors are disposable.
    ✨ Follow-up Questions
    • ⤷ What is the maximum horsepower rating for a NEMA Size 0 contactor at 480V?
    • ⤷ Can the V05 coil be swapped for a 120V coil if the control voltage changes?
    • ⤷ What is the difference between an 8502 magnetic contactor and an 8536 motor starter?