8502SHO2V03
AI

## Overview of the 8502SHO2V03
The **8502SHO2V03** is a specific model of an NEMA-rated magnetic contactor manufactured by Square D (Schneider Electric). It is primarily used for switching non-inductive loads or controlling electric motors in industrial environments.
---
### 1. Technical Specifications
The following table outlines the core electronic and physical attributes of the device:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Square D (Schneider Electric) |
| **Product Type** | NEMA Magnetic Contactor |
| **NEMA Size** | Size 6 |
| **Ampere Rating** | 540 Amps |
| **Pole Configuration** | 3-Pole (3-Phase) |
| **Control Voltage** | 240V AC @ 60Hz / 220V AC @ 50Hz |
| **Enclosure Type** | Open (No external box) |
| **Phase** | 3-Phase |
---
### 2. Breakdown of Electronic Components
#### A. The Magnetic Coil (V03 Suffix)
The **V03** suffix in the part number designates the specific voltage rating of the electromagnetic coil.
* **Function:** When 240V AC is applied to the coil terminals, it creates a magnetic field that pulls the internal armature down.
* **Action:** This physical movement closes the high-power contacts, allowing electricity to flow to the motor or load.
#### B. Power Contacts
* **Material:** Typically made of silver-cadmium oxide alloys to resist "welding" and arc erosion.
* **Capacity:** Rated for 540A, making this a heavy-duty industrial component capable of handling massive electrical surges.
#### C. Arc Chutes
* **Purpose:** Because high-voltage/high-current switching creates electrical arcs, these components are designed to quench (extinguish) the arc quickly to prevent damage to the contacts and reduce EMI (Electromagnetic Interference).
---
### 3. Naming Convention Deciphered
Understanding the part number helps in identifying replacement parts:
1. **8502**: The Class number for Square D Type S Contactors.
2. **S**: Type S design (Standard industrial).
3. **H**: Size 6 NEMA rating.
4. **O**: Open type (intended for installation inside a larger control panel).
5. **2**: Revision or specific series indicator.
6. **V03**: 240V AC, 60Hz / 220V AC, 50Hz Coil.
---
### 4. Application Wiring
In a typical setup, the electronics are wired as follows:
```mermaid
graph LR
A[Control Switch] --> B[Coil Terminals A1/A2]
B --> C{Electromagnet}
C --> D[Main Power L1/L2/L3]
D --> E[Motor/Load T1/T2/T3]
```
---
- ⤷
What are the compatible overload relays for a Size 6 contactor like the 8502SHO2V03?
- ⤷ Can the V03 coil be swapped for a 120V coil if the control circuit changes?
- ⤷ What is the difference between an 8502 contactor and an 8536 starter?